MCQ1V1608-R470-R
AI

The **MCQ1V1608-R470-R** is a specific electronic component, typically identified as a **Metal Alloy Power Inductor** (Surface Mount Device - SMD). Based on the nomenclature, it is designed for high-current applications where space and efficiency are critical.
---
### 1. Part Number Breakdown
The part number follows a standard industry convention for power inductors:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | MCQ1V | Metal Alloy Molded Inductor series |
| **Size Case** | 1608 | Metric dimensions (1.6mm x 0.8mm) |
| **Inductance** | R470 | 0.47 µH (microhenries) |
| **Tolerance** | -R | Typical suffix for ROHS compliance or specific tolerance |
---
### 2. Key Technical Specifications
While exact specifications can vary slightly by manufacturer (such as Cyntec or Mag.Layers), these are the typical parameters for this specific part:
* **Inductance:** 0.47 µH
* **Case Size:** 1608 (Metric) / 0603 (Imperial)
* **Material:** Metal Alloy (Iron powder core)
* **Mounting Type:** Surface Mount (SMD/SMT)
* **Operating Temperature:** Generally -55°C to +125°C
---
### 3. Core Characteristics
The "Metal Alloy" construction provides several advantages over traditional ferrite inductors:
1. **High Saturation Current:** They do not "crash" (drop inductance suddenly) when high current flows through them; instead, they have a "soft saturation" curve.
2. **Low DCR (Direct Current Resistance):** The flat-wire or molded construction allows for lower resistance, which minimizes heat loss.
3. **EMI Shielding:** Because the coil is molded directly into the metal powder, it has excellent magnetic shielding, reducing electromagnetic interference with nearby components.
4. **Acoustic Noise Reduction:** The molded structure prevents the "coil whine" often heard in high-frequency power circuits.
---
### 4. Typical Applications
This component is primarily used in **DC-DC Converters** and **Voltage Regulator Modules (VRM)** for:
* **Smartphones & Tablets:** Due to the ultra-small 1608 footprint.
* **Wearable Electronics:** Where high efficiency and small size are required.
* **SSD / Storage:** Power management for high-speed data drives.
* **CPU/GPU Power Rails:** Providing stable current to high-performance processors.
---
### 5. Comparison: Ferrite vs. Metal Alloy (MCQ Series)
| Feature | Standard Ferrite | MCQ1V (Metal Alloy) |
| :--- | :--- | :--- |
| **Saturation** | Sharp drop-off | Gradual (Soft) saturation |
| **Footprint** | Usually larger | Ultra-compact |
| **Ruggedness** | Brittle | High vibration resistance |
| **EMI** | Requires external shield | Inherently shielded |
- ⤷
What is the maximum rated current (Isat) for the MCQ1V1608-R470-R?
- ⤷ Can this inductor be used in high-frequency switching circuits above 1MHz?
- ⤷ How does the 1608 size compare to the 0603 imperial size in terms of PCB layout?