MCQ1V1608-R082-R
AI

The part number **MCQ1V1608-R082-R** refers to a high-frequency **Surface Mount (SMD) Multilayer Chip Inductor**. These components are typically used in high-frequency circuits such as mobile phones, Wi-Fi modules, and RF communication devices.
---
### 1. Specification Overview
The following table breaks down the key technical specifications typically associated with this specific part number:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Multilayer Chip Inductor | Non-wirewound, ceramic body |
| **Inductance** | 8.2 nH | Indicated by "R082" |
| **Tolerance** | ±0.3 nH (or ±5%) | Dependent on manufacturer suffix |
| **Package Size** | 1608 (Metric) / 0603 (Imperial) | 1.6mm x 0.8mm footprint |
| **Self-Resonant Freq.** | ~4000 MHz | High-frequency operation |
| **DC Resistance (DCR)** | ~0.25 Ω (Max) | Minimizes power loss |
| **Rated Current** | ~300 mA | Maximum continuous current |
---
### 2. Part Number Breakdown
The nomenclature can be deciphered as follows:
* **MCQ**: Series prefix (typically High-Q, Multilayer Ceramic).
* **1V**: Voltage rating or specific material series (Manufacturer dependent).
* **1608**: Physical dimensions (1.6mm length x 0.8mm width).
* **R082**: Inductance value code. "R" acts as a decimal point. `0.082 μH` which is **8.2 nH**.
* **R**: Often denotes the packaging style (e.g., Tape & Reel).
---
### 3. Key Features and Applications
#### Features
* **High Q Factor:** Low signal loss at high frequencies.
* **High SRF (Self-Resonant Frequency):** Suitable for GHz-range applications.
* **Multilayer Construction:** Provides high reliability and excellent magnetic shielding, preventing interference with neighboring components.
#### Common Applications
1. **RF Matching Circuits:** Used to match impedance between antennas and transceivers.
2. **L-C Filter Circuits:** Used in Band-pass or Low-pass filters for signal integrity.
3. **VCO/Bluetooth Modules:** Frequency stabilization in oscillators and wireless communication modules.
---
### 4. Equivalent Comparison
| Feature | MCQ1V1608-R082-R | Standard Wirewound |
| :--- | :--- | :--- |
| **Size** | Compact (0603) | Usually larger |
| **EMI Shielding** | Excellent | Poor (open magnetic field) |
| **Cost** | Lower (Mass produced) | Higher |
- ⤷What is the difference between a multilayer inductor and a wirewound inductor?
- ⤷ How does the 'Q factor' affect RF circuit performance?
- ⤷ Can I substitute a 1608 metric part with an 0603 imperial part?