MCQ1V1608-R068-R
AI

The part number **MCQ1V1608-R068-R** refers to a high-frequency, multilayer ceramic chip inductor. Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Part Number Breakdown
The naming convention usually follows this structure:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **MCQ** | Series Code | High Q (Quality factor) Multilayer Chip Inductor |
| **1V** | Voltage/Application | Typically denotes standard low-voltage signal applications |
| **1608** | Case Size (Metric) | 1.6mm x 0.8mm (Equivalent to **0603** in imperial) |
| **R068** | Inductance Value | **68 nH** (Nanohenries) |
| **-R** | Tolerance/Packaging | Usually indicates ±5% or ±10% tolerance & RoHS compliance |
---
### 2. Technical Specifications
This component is designed for high-frequency RF (Radio Frequency) circuits where signal integrity and low loss are critical.
| Parameter | Value (Typical) |
| :--- | :--- |
| **Inductance** | 68 nH |
| **Case Size** | 0603 (Imperial) / 1608 (Metric) |
| **Self-Resonant Frequency (SRF)** | Typically > 1000 MHz |
| **DC Resistance (DCR)** | Low (usually < 1.0 Ω) |
| **Rated Current** | Generally 100mA to 300mA |
| **Quality Factor (Q)** | High (Optimized for RF performance) |
---
### 3. Key Features
* **Multilayer Construction:** Provides a monolithic structure that is highly reliable and provides excellent physical integrity.
* **High Q Factor:** This ensures minimal energy loss in resonant circuits, making it ideal for mobile communication devices.
* **Miniature Footprint:** The 1608 (0603) size is standard for high-density PCB designs.
* **Frequency Stability:** Maintains stable inductance across a wide range of operating temperatures and frequencies.
---
### 4. Typical Applications
These inductors are commonly found in:
1. **RF Matching:** Used in the matching networks of antennas to ensure maximum power transfer.
2. **Filter Circuits:** Low-pass, high-pass, and band-pass filters for wireless communication.
3. **VCOs:** Voltage Controlled Oscillators in mobile phones and Wi-Fi modules.
4. **Bluetooth/GPS Modules:** Signal conditioning in miniature wireless units.
---
- ⤷
What is the difference between this multilayer inductor and a wire-wound inductor?
- ⤷ How does the 'Q factor' affect the performance of this 68nH inductor?
- ⤷ What are the soldering recommendations for 1608 sized SMD components?