Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MCL2012V1-R150-R

  • AI
    The **MCL2012V1-R150-R** is a specific part number for a Multilayer Ceramic Inductor. This component is commonly used in high-frequency circuits for signal filtering and impedance matching. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Part Number Breakdown The part number follows a standard nomenclature used by manufacturers like **Taiyo Yuden** or **Sunlord**. | Segment | Meaning | Detail | | :--- | :--- | :--- | | **MCL** | Series | Multilayer Chip Inductor (General Purpose) | | **2012** | Dimensions | EIA 0805 metric (2.0mm x 1.25mm) | | **V1** | Material/Process | High-frequency or specific material characteristics | | **R150** | Inductance | **0.150 µH** (150 nH) | | **R** | Tolerance | ±20% (Standard for this series) | --- ### 2. Technical Specifications These values represent the typical performance metrics for this type of inductor: * **Inductance:** 0.15 µH (150 nH) * **Case Size:** 0805 (Inch) / 2012 (Metric) * **DC Resistance (DCR):** Usually very low (approx. 0.30 - 0.50 Ω) to minimize power loss. * **Rated Current:** Typically between 200mA and 400mA depending on the specific temperature rise. * **Self-Resonant Frequency (SRF):** High SRF (often above 500 MHz), making it suitable for RF applications. * **Operating Temperature:** -40°C to +85°C (standard) or +125°C (extended). --- ### 3. Construction and Key Features Unlike wire-wound inductors, the MCL2012 series is built using **Multilayer Technology**: 1. **Material:** Layers of ceramic material (ferrite or dielectric) are printed with conductive paste (silver/copper). 2. **Monolithic Structure:** The layers are stacked and fired into a single solid block, providing high reliability and physical strength. 3. **Magnetic Shielding:** The multilayer structure provides a closed magnetic circuit, resulting in low EMI (Electromagnetic Interference) leakage. 4. **Miniaturization:** It offers a high inductance density relative to its small 0805 footprint. --- ### 4. Common Applications This part is generally used in the following scenarios: * **Mobile Communication:** High-frequency circuits in smartphones and tablets. * **Signal Filtering:** Used in LC filters to remove noise from high-speed data lines. * **Impedance Matching:** Tuning RF antennas and amplifiers. * **Power Management:** Local decoupling in low-power DC-DC converters to suppress ripple. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a multilayer inductor and a wire-wound inductor?
    • ⤷ How does the 'R' tolerance affect the performance in an RF circuit?
    • ⤷ Can this component be used in high-power power supply applications?