Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MCL1608V1-R56-R

  • AI
    The **MCL1608V1-R56-R** is a specific type of **Multi-layer Ceramic Chip Inductor** (MLCI). This component is designed for high-frequency circuits, power management, and signal filtering in compact electronic devices. --- ### 1. Part Number Breakdown The alphanumeric code follows a standard industry format for inductors: | Component Segment | Meaning | Details | | :--- | :--- | :--- | | **MCL** | Series Code | Multilayer Ceramic Inductor | | **1608** | Case Size (Metric) | 1.6mm x 0.8mm (Equivalent to **0603** Imperial) | | **V1** | Design Version | Internal manufacturer revision/material code | | **R56** | Inductance Value | **0.56 µH** (R denotes decimal point) | | **R** | Tolerance / Packing | Usually ±20% or Tape & Reel packaging | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (such as Sunlord or Bourns), typical characteristics for this part include: * **Inductance:** 0.56 microhenries (µH). * **Operating Temperature:** -40°C to +85°C (standard range). * **DC Resistance (DCR):** Low resistance to minimize power loss. * **Self-Resonant Frequency (SRF):** High SRF, making it suitable for high-frequency filtering. * **Rated Current:** Typically in the range of 100mA to 500mA (load dependent). --- ### 3. Key Features & Construction * **Monolithic Structure:** Created by layering ceramic materials and screen-printing internal conductors. This makes the part highly reliable and physically robust. * **Magnetic Shielding:** The multilayer design provides a closed magnetic circuit, which minimizes EMI (Electromagnetic Interference) and prevents crosstalk with nearby components. * **Miniaturization:** The 0603 footprint is ideal for space-constrained designs like smartphones and wearables. --- ### 4. Common Applications These inductors are primarily used in low-power signal lines and RF applications: 1. **Noise Suppression:** Filtering high-frequency noise in data lines. 2. **Impedance Matching:** Used in RF circuits to ensure maximum power transfer between stages. 3. **DC-DC Converters:** Small-scale voltage regulation for portable electronics. 4. **Mobile Communication:** Used in GSM, Wi-Fi, and Bluetooth modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this multilayer inductor and a wire-wound inductor?
    • ⤷ Can this part be used in high-power power supply circuits?
    • ⤷ Which manufacturers are the primary producers of the MCL series?