Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MCL1608V1-R047-R

  • AI
    The **MCL1608V1-R047-R** is a high-frequency multilayer chip inductor. It is a surface-mount device (SMD) commonly used in power management and signal filtering circuits. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 47 nH (Nanohenries) | | **Tolerance** | ±20% | | **Case Size** | 1608 (EIA 0603) | | **Dimensions** | 1.6mm x 0.8mm | | **Material** | Multilayer Ceramic / Ferrite | | **Standard** | RoHS Compliant | ### 2. Part Number Breakdown The nomenclature typically follows this structure: * **MCL**: Manufacturer Series (Multilayer Chip Inductor). * **1608**: Physical dimensions (1.6mm length x 0.8mm width). * **V1**: Series revision or specific voltage/characteristic code. * **R047**: Inductance value (R represents the decimal point; 0.047µH = 47nH). * **R**: Packaging type (usually signifies Tape & Reel). --- ### 3. Key Characteristics * **Multilayer Technology:** These inductors are constructed by layering ceramic materials and conductive pastes, resulting in a monolithic structure that is highly reliable and provides excellent magnetic shielding. * **High Self-Resonant Frequency (SRF):** Due to the ceramic construction, these parts are optimized for high-frequency performance. * **Miniaturization:** The 0603 (1608 metric) footprint is ideal for space-constrained designs like smartphones and tablets. ### 4. Common Applications 1. **RF Circuits:** Used for impedance matching and resonance in high-frequency communication modules. 2. **EMI Suppression:** Filtering high-frequency noise in power lines or data signals. 3. **Mobile Devices:** Power supply decoupling in cellular phones, WLAN modules, and Bluetooth devices. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the MCL1608 series?
    • ⤷ How does this multilayer inductor compare to a wire-wound inductor?
    • ⤷ Can you explain the difference between the 1608 and 0603 size naming conventions?