Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MALSECV00AG410CARK

  • AI
    Based on the part number **MALSECV00AG410CARK**, this component belongs to the **E-series (ECV)** of Aluminum Electrolytic Capacitors manufactured by **Vishay BCcomponents**. --- ### 1. Technical Specifications Breakdown The alphanumeric code provides specific details regarding the capacitor's physical and electrical characteristics. | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | **ECV** | Surface Mount (SMD) Aluminum Electrolytic | | **Capacitance** | **100 $\mu$F** | Nominal storage capacity | | **Voltage** | **16 V** | Maximum working DC voltage | | **Tolerance** | **±20%** | Standard capacitance deviation | | **Case Size** | **6.3 x 7.7 mm** | Physical dimensions (Diameter x Height) | | **Temperature** | **-55°C to +105°C** | Operating temperature range | | **Endurance** | **2000 hours** | Rated life at maximum temperature | --- ### 2. Key Electronic Features * **SMD Design:** This is a "V-chip" type capacitor designed for automated surface mount assembly on PCBs. * **Low Impedance:** The ECV series is generally characterized by lower impedance compared to general-purpose series, making it suitable for filtering. * **Polarized:** As an aluminum electrolytic capacitor, it has a designated positive and negative terminal. Reverse biasing will damage the component. * **Reflow Soldering Compatible:** Built to withstand the high temperatures of lead-free (RoHS) soldering processes. --- ### 3. Common Applications These parts are typically found in power management and signal processing circuits: 1. **DC/DC Converters:** Used for smoothing output ripples. 2. **Decoupling:** Placed near ICs to provide a local energy reservoir and reduce noise. 3. **Consumer Electronics:** Found in telecommunications, automotive infotainment, and portable industrial equipment. --- ### 4. Part Number Structure (Visual) ```text MAL S ECV 00 AG 410 C A RK | | | | | | | | | | | | | | | | | +-- Packaging (Tape & Reel) | | | | | | | +----- Standard version | | | | | | +-------- Voltage Code (C = 16V) | | | | | +------------ Capacitance Code (410 = 100uF) | | | | +----------------- Case Size Code (AG) | | +------- Series (ECV) +------- Vishay Brand Prefix ```
    ✨ Follow-up Questions
    • ⤷What is the ripple current rating for this specific capacitor?
    • ⤷ Can I substitute this with a 25V capacitor of the same capacitance?
    • ⤷ What are the footprint dimensions for the AG case size?