MALSECV00AG347EARK
AI

The part number **MALSECV00AG347EARK** identifies a specific Surface Mount (SMD) Aluminum Electrolytic Capacitor manufactured by **Vishay BCcomponents**. This component belongs to the **150 CRZ** series, which is known for its low impedance and high reliability.
---
### 1. Technical Specifications
The part number is an alphanumeric code where each segment represents a specific physical or electrical characteristic.
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 470 µF |
| **Voltage Rating** | 25 V DC |
| **Tolerance** | ±20% |
| **Operating Temperature** | -55°C to +105°C |
| **Lifetime** | 2000 h to 3000 h at 105°C |
| **Impedance Type** | Low Impedance (Low ESR) |
| **Case Size (D x L)** | 8.0 mm x 10.5 mm |
---
### 2. Physical and Mechanical Attributes
* **Mounting Type:** Surface Mount Device (SMD/SMT).
* **Form Factor:** "V-chip" style (cylindrical aluminum can on a square plastic base).
* **Reflow Soldering:** Designed for high-temperature lead-free reflow soldering processes.
* **Polarity:** Polarized component (indicated by a band on the top of the casing).
---
### 3. Application and Usage
This specific capacitor is engineered for power management and filtering in demanding environments.
* **Smoothing:** Used in AC/DC and DC/DC converters to reduce voltage ripple.
* **Filtering:** High-frequency noise suppression due to its low impedance characteristics.
* **Industries:**
* **Automotive:** Entertainment systems, lighting, and sensors.
* **Industrial:** Power supplies and control units.
* **Consumer Electronics:** High-density PCBs where vertical space is limited.
---
### 4. Part Number Breakdown (Vishay Standard)
While the full string is proprietary, the core identifies the following:
* **MALS:** Part of the SMD Aluminum Electrolytic family.
* **347:** Represents the capacitance (47 followed by one zero = 470).
* **E:** Usually denotes the voltage code (25V in this series).
* **ARK:** Denotes the packaging (Ammo Pack or Reel) and specific casing dimensions.
- ⤷
What are the alternative components with similar low-impedance ratings?
- ⤷ How does the ripple current capability of this capacitor compare to standard SMD capacitors?
- ⤷ What is the recommended reflow soldering profile for this specific Vishay series?