Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MALSECV00AG333DARK

  • AI
    The part number **MALSECV00AG333DARK** refers to an aluminum electrolytic capacitor manufactured by **Vishay BCcomponents**. This specific component belongs to the **153 ASL** or **053 PEC** series, designed for surface-mount technology (SMT). --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters for this component: | Feature | Specification | | :--- | :--- | | **Capacitance** | 330 µF | | **Voltage Rating** | 25V DC | | **Tolerance** | ±20% | | **Technology** | Aluminum Electrolytic (Polarized) | | **Mounting Type** | Surface Mount (SMD / V-Chip) | | **Temperature Range** | -40°C to +105°C | | **Life Span** | ~2000 hours at 105°C | | **Package/Case** | V-Chip (approx. 8.0mm x 10.5mm) | --- ### 2. Part Number Breakdown The Vishay coding system provides specific details about the part's build: * **MALS**: Prefix for the capacitor series. * **ECV**: Indicates a Surface Mount (V-Chip) electrolytic capacitor. * **00AG**: Case size code (Diameter x Height). In this series, AG typically correlates to an 8mm x 10.5mm physical footprint. * **333**: Capacitance code. The first two digits are significant figures (33), and the third digit is the multiplier ($10^3$ pF). This equals **330,000,000 pF** or **330 µF**. * **D**: Voltage code (specifically 25V in this nomenclature). * **ARK**: Packaging and series-specific revision codes (often indicating Taped and Reeled). --- ### 3. Key Applications These capacitors are commonly used in electronic circuits for the following purposes: 1. **Filtering:** Smoothing out voltage ripples in DC-DC converters and power supplies. 2. **Decoupling:** Providing a local energy reservoir for integrated circuits (ICs) to prevent voltage drops. 3. **Bypassing:** Shunting high-frequency noise to ground. 4. **Audio:** Serving as coupling capacitors in signal paths where higher capacitance is required. --- ### 4. Usage Considerations * **Polarity:** As an electrolytic capacitor, it is polarized. Reversing the voltage can lead to component failure or venting. * **Reflow Soldering:** This part is designed for SMD reflow ovens. Ensure the thermal profile does not exceed the maximum rating (usually $260^\circ C$ for a brief period). * **ESR (Equivalent Series Resistance):** While reliable, aluminum electrolytics have higher ESR than ceramic capacitors. They are often used in parallel with MLCCs for optimal performance. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum ripple current rating for this specific capacitor?
    • ⤷ What are the recommended footprints for the 8x10.5mm case size?
    • ⤷ Are there low-ESR alternatives in the same Vishay series?