Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MALSECV00AG247HARK

  • AI
    The part number **MALSECV00AG247HARK** corresponds to an Aluminum Electrolytic Capacitor manufactured by **Vishay BCcomponents**. This specific part belongs to the **150 RMI (Ripple Management Improved)** series, which is designed for high reliability and low impedance. --- ### 1. Technical Specifications The following table summarizes the primary electrical and physical characteristics of this component: | Parameter | Value | | :--- | :--- | | **Capacitance** | 470 µF | | **Voltage Rating (DC)** | 50 V | | **Tolerance** | ±20% | | **Temperature Range** | -55°C to +105°C | | **Endurance (Lifetime)** | 4000 to 6000 hours at 105°C | | **Case Size (D x L)** | 10 mm x 16 mm | | **Mounting Type** | Surface Mount (SMD) | | **Impedance Type** | Low Impedance / High Ripple Current | --- ### 2. Breakdown of the Part Number The alphanumeric string follows Vishay's standardized coding system: * **MALS**: Indicates the product family (SMD Aluminum Electrolytic). * **ECV**: Refers to the specific series characteristics (Vertical chip style). * **00AG**: Case size code (Diameter and Height dimensions). * **247**: Capacitance code (47 followed by one zero = 470). * **H**: Voltage code (H typically represents 50V in this series). * **ARK**: Packaging/Internal processing code (Tape and Reel). --- ### 3. Key Features and Applications This component is engineered for demanding electronic environments where stability and longevity are required. #### Key Features: * **Low ESR/Impedance:** Reduces power loss and heat generation during high-frequency operation. * **Reflow Soldering Compatible:** Specifically designed for automated SMD assembly lines. * **Vibration Proof:** The "V" in the series often denotes a design that can withstand mechanical stress. * **AEC-Q200 Qualified:** Many parts in this series are automotive grade, ensuring high reliability. #### Common Applications: 1. **Switch Mode Power Supplies (SMPS):** Filtering output ripple. 2. **DC/DC Converters:** Smoothing voltage in automotive or industrial modules. 3. **Telecommunications:** Power backup and noise decoupling. 4. **Consumer Electronics:** High-end audio or visual equipment requiring stable power rails.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives for this Vishay capacitor from other brands like Panasonic or Nichicon?
    • ⤷ How does the ripple current rating affect the lifespan of this specific capacitor?
    • ⤷ What is the recommended reflow soldering profile for the MALSECV series?