Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MALSECL00AG415BARK

  • AI
    The part number **MALSECL00AG415BARK** refers to a high-quality **Aluminum Electrolytic Capacitor** from the **Vishay BCcomponents** ELC series. These components are primarily used for energy storage, filtering, and smoothing in electronic circuits. --- ### 1. Technical Specifications The following table outlines the key electrical and physical characteristics of this specific component: | Feature | Specification | | :--- | :--- | | **Capacitance** | 100 µF | | **Voltage Rating** | 6.3 V | | **Tolerance** | ±20% | | **Mounting Type** | Surface Mount (SMD) | | **Series** | ELC (Low Impedance / Long Life) | | **Operating Temperature** | -40°C to +105°C | | **Case Size** | 4.0 mm x 5.3 mm | | **Packaging** | Tape & Reel (TR) | --- ### 2. Key Features and Applications The "ELC" series is designed for high-performance industrial and consumer electronics. #### Core Features: * **Low Impedance:** Optimized for high-frequency switching power supplies. * **Long Life:** Rated for high endurance at its maximum operating temperature (typically 2000 hours at 105°C). * **AEC-Q200 Qualified:** Often meets automotive reliability standards. * **Reflow Solderable:** Designed to withstand the high temperatures of automated SMD assembly lines. #### Common Applications: 1. **Power Management:** Filtering noise in DC/DC converters. 2. **Consumer Electronics:** Use in digital cameras, laptops, and portable storage devices. 3. **Telecommunications:** Smoothing voltage ripples in networking equipment. 4. **Automotive:** Control units and infotainment systems where space is limited. --- ### 3. Decoding the Part Number While Vishay part numbers are complex, the internal segments represent specific attributes: * **MAL:** Manufacturer prefix (Vishay/BCcomponents). * **SEC:** Sub-family identification (Surface mount Electrolytic Capacitor). * **L:** Series indicator (Low impedance/ELC series). * **00AG:** Physical size and casing dimensions (4 x 5.3 mm). * **415:** Capacitance/Voltage code combination. * **BARK:** Packaging code (indicates standard tape and reel for automated pick-and-place). ---
    ✨ Follow-up Questions
    • ⤷What is the ripple current rating for the MALSECL series?
    • ⤷ How does this capacitor compare to a Tantalum equivalent?
    • ⤷ What are the recommended reflow soldering profiles for this SMD component?