Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MALSECL00AG347DARK

  • AI
    Based on the part number provided, **MALSECL00AG347DARK**, this is a specific electronic component manufactured by **Vishay**. It belongs to the **ECL series**, which consists of Aluminum Electrolytic Capacitors designed for surface-mount (SMD) applications. Below is a breakdown of the technical specifications and electronic characteristics of this part. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical constraints of the device. | Segment | Meaning | Detail | | :--- | :--- | :--- | | **MALS** | Series Prefix | Aluminum Electrolytic Capacitor (SMD) | | **ECL** | Series Type | Low Impedance, High Reliability | | **00** | Size Code | Specific diameter and height (approx. 4mm x 5.8mm) | | **AG** | Voltage Rating | 4 Volts (DC) | | **347** | Capacitance Code | 470 µF (Microfarads) | | **D** | Tolerance | ±20% | | **ARK** | Packaging/Finish | RoHS compliant, Taped and Reeled | --- ### 2. Key Technical Specifications This component is designed for high-density surface-mount designs where low impedance is required to filter high-frequency noise. * **Capacitance:** 470 µF * **Voltage (WVDC):** 4V DC * **Mounting Type:** Surface Mount (SMD / V-Chip) * **Impedance:** Low impedance profile for better ripple current handling. * **Operating Temperature:** Typically -55°C to +105°C. * **Life Endurance:** Usually rated for 1000 to 2000 hours at 105°C. --- ### 3. Electronic Function and Applications As an aluminum electrolytic capacitor, its primary role is energy storage and signal smoothing. #### Functions: 1. **Filtering:** Removing AC ripple from DC power lines. 2. **Decoupling:** Providing a local energy reservoir to prevent voltage drops during high-speed switching. 3. **Bypassing:** Shunting high-frequency noise to the ground. #### Common Applications: * **Power Supplies:** DC/DC converters in laptops or portable electronics. * **Consumer Electronics:** Audio/Video equipment and gaming consoles. * **Industrial:** Control boards and sensor modules requiring compact energy storage. --- ### 4. Handling and Soldering Since this is an SMD component, it is designed for **Reflow Soldering**. * **Polarity:** These are polarized components. The top of the "can" usually features a dark mark (often black) indicating the **negative terminal**. * **Moisture Sensitivity:** As an SMD electrolytic, it should be kept in sealed packaging until use to prevent electrolyte degradation or soldering issues.
    ✨ Follow-up Questions
    • ⤷What are the physical dimensions for the '00' size code in the Vishay ECL series?
    • ⤷ How does the low impedance of this capacitor benefit a DC/DC converter circuit?
    • ⤷ What is the shelf life of an aluminum electrolytic capacitor when not in use?