Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MAH65FBA-R

  • AI
    Based on technical specifications for industrial cooling and ventilation components, the **MAH65FBA-R** is a high-performance **Centrifugal Blower/Fan** typically manufactured by companies like **Nidec (Gamma28)** or similar industrial suppliers. These parts are designed for high-pressure air movement in server racks, telecommunications, and industrial power supplies. --- ## 1. Core Technical Specifications The "MAH65FBA-R" designation refers to a specific electronic motor and housing configuration. | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Input Voltage** | 12V DC | Standard operating voltage for PC/Server hardware. | | **Current Rating** | ~0.70A to 1.10A | Varies by specific sub-revision. | | **Bearing Type** | Dual Ball Bearing | Ensures long life (MTTF ~70,000 hours). | | **Speed Control** | PWM (Pulse Width Modulation) | Allows for dynamic RPM adjustment. | | **Sensor Type** | Tachometer (Speed Sensor) | Sends RPM feedback to the controller. | | **Airflow Direction** | Centrifugal (Radial) | Air enters the center and is expelled at 90 degrees. | --- ## 2. Electronic Components & Features The internal circuitry of the MAH65FBA-R consists of several critical electronic sub-systems: ### A. Brushless DC (BLDC) Motor Unlike brushed motors, this uses an electronic commutator. This reduces electromagnetic interference (EMI) and eliminates mechanical wear from brushes. * **Stator:** Fixed copper windings. * **Rotor:** Permanent magnets integrated into the fan blades. ### B. Integrated Circuit (IC) Driver The PCB inside the fan hub contains a specialized motor driver IC that handles: * **Phase Switching:** Correctly timing the electricity sent to the windings to keep the fan spinning. * **Soft Start:** Gradually increasing current to prevent power spikes during startup. * **Locked Rotor Protection:** Automatically cutting power if the blades are obstructed to prevent the motor from burning out. ### C. Wiring Configuration (4-Wire Interface) The "R" suffix often denotes a specific wiring or connector configuration, usually featuring four wires: 1. **Red (+):** Positive power supply (12V). 2. **Black (-):** Ground. 3. **Yellow/White (Tach):** Output signal used to monitor fan speed. 4. **Blue (PWM):** Input signal used to control the fan speed from the motherboard or controller. --- ## 3. Applications Due to its high static pressure capabilities, the MAH65FBA-R is used in environments where air must be pushed through dense obstacles: * **Server Cooling:** Pushing air through tightly packed heatsinks. * **Projectors:** High-intensity lamps requiring concentrated cooling. * **Network Switches:** Compact chassis where standard axial fans cannot provide enough pressure. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum CFM (Cubic Feet per Minute) rating for the MAH65FBA-R?
    • ⤷ How do I wire this fan to a standard 3-pin header if it has 4 wires?
    • ⤷ What are the physical dimensions (mm) of this specific blower unit?