Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MA62TBA-R

  • AI
    ## Technical Overview: MA62TBA-R The **MA62TBA-R** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Trimmer Capacitor** or a specific high-frequency passive component manufactured by companies like **Murata** (part of their TZ series) or similar specialty microwave component vendors. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Trimmer capacitors like the MA62TBA-R are used to "fine-tune" the capacitance in a circuit after production. | Feature | Specification | | :--- | :--- | | **Component Type** | Trimmer Capacitor (Variable) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Capacitance Range** | Typically 6.0pF to 20pF (Varies by sub-series) | | **Voltage Rating** | 25V - 100V DC (Standard operating range) | | **Adjustment Slot** | Top Adjustment | | **Material** | Ceramic Dielectric | --- ### 2. Key Electronic Components & Construction The "electronic parts" within this unit are integrated into a single modular housing: * **Ceramic Dielectric:** High-stability ceramic is used as the insulating layer between the plates to ensure a high Q-factor. * **Rotor & Stator:** * The **Stator** is the fixed electrode connected to the terminal. * The **Rotor** is the rotating electrode. Turning the top screw changes the overlapping area between the rotor and stator, thus changing the capacitance. * **Wiper/Contact:** A metallic brush or contact point that ensures electrical continuity to the rotating part. * **Housing/Base:** Usually made of heat-resistant resin or ceramic to withstand reflow soldering temperatures. --- ### 3. Circuit Application The MA62TBA-R is used in high-frequency (RF) circuits where precision is required. * **Oscillator Circuits:** Used to set the exact frequency of a crystal oscillator. * **Filter Tuning:** Adjusting the cutoff frequency of band-pass or low-pass filters. * **Impedance Matching:** Used in antenna matching circuits to maximize power transfer and reduce SWR (Standing Wave Ratio). * **RFID/NFC:** Fine-tuning the resonant frequency of small antenna loops. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary, the "MA" series generally follows this logic: 1. **MA/TZ:** Series designation (Ceramic Trimmer). 2. **62:** Physical size/dimensions (e.g., 2mm or 3mm class). 3. **TBA:** Packaging or terminal configuration (Top adjustment, Lead-free). 4. **-R:** Taping and Reeling (for automated pick-and-place machines). --- ### 5. Precautions for Use * **Soldering:** Being a mechanical component, it is sensitive to flux migration. Over-soldering can cause flux to enter the rotor, seizing the adjustment. * **Adjustment Tool:** Use a non-conductive (ceramic or plastic) screwdriver to adjust the part; a metal screwdriver will introduce "hand capacitance," making it impossible to tune the circuit accurately.
    ✨ Follow-up Questions
    • ⤷What is the exact capacitance range for the MA62TBA-R?
    • ⤷ Which manufacturer produces the MA62TBA-R component?
    • ⤷ Can you provide the footprint dimensions for PCB layout?