AI

The **MA22TAG-R** is a specific RFID (Radio Frequency Identification) electronic component, typically utilized in asset tracking, logistics, and inventory management. It is designed to be a high-performance, durable tag compatible with standard RFID reading infrastructure.
Below is a breakdown of its electronic characteristics and specifications.
---
### ## Technical Specifications
The internal electronics of the MA22TAG-R are centered around an integrated circuit (IC) and an antenna etched onto a substrate.
| Feature | Specification |
| :--- | :--- |
| **Operating Frequency** | UHF 860MHz – 960MHz (Global Standard) |
| **Air Interface Protocol** | EPCglobal Class 1 Gen 2 / ISO 18000-6C |
| **Memory Configuration** | 96-bit to 128-bit EPC; 32-bit User Memory (Typical) |
| **Read Range** | Up to 5–10 meters (depending on reader power) |
| **IC Type** | Often utilizes Impinj Monza or Alien Higgs series chips |
| **Mounting Type** | Adhesive backing or mechanical fastening |
---
### ## Electronic Components Overview
#### 1. Integrated Circuit (IC / Chip)
The "brain" of the tag. It contains the logic to handle the communication protocol and non-volatile memory to store the unique identification numbers.
* **Power Source:** It is **passive**, meaning it has no battery. It harvests energy from the electromagnetic field generated by the RFID reader.
* **Data Protection:** Includes password-protected Access and Kill commands to prevent unauthorized tampering.
#### 2. The Antenna
The antenna is the largest electronic part of the MA22TAG-R.
* **Design:** Usually made of etched aluminum or copper.
* **Function:** It captures the RF signal from the reader, converts it into electricity to power the chip, and backscatters the response signal.
#### 3. Impedance Matching Circuit
Between the chip and the antenna, there is a micro-circuit designed to match the impedance. This ensures maximum power transfer from the antenna to the IC, which is critical for long-range reading.
---
### ## Environmental and Physical Design
While not purely "electronic," the packaging is essential for the electronics to function in harsh environments:
* **Substrate:** The electronics are mounted on PET (Polyethylene terephthalate) or a similar durable polymer.
* **R-Designation:** The "-R" often signifies **Ruggedized** or **RoHS compliant** (Restriction of Hazardous Substances), indicating the parts are lead-free and encased in a protective housing to resist moisture and impact.
---
- ⤷
What is the maximum operating temperature for the MA22TAG-R?
- ⤷ Can this tag be used on metal surfaces without interference?
- ⤷ Which RFID readers are most compatible with this specific tag?