M93C86-RMB7
AI

## Technical Overview of M93C86-RMB7
The **M93C86-RMB7** is a specific variant of the 16-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in automotive and industrial applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) |
| **Interface** | MICROWIRE (Serial Peripheral Interface variant) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Write Cycles** | More than 1,000,000 (1 Million) |
| **Data Retention** | More than 40 Years |
| **Operating Temperature** | -40°C to +105°C (Grade 7) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
---
### 2. Part Number Breakdown: M93C86-RMB7
To understand the specific features of this component, we must decode the suffix:
* **M93C86**: The base model number (16 Kbit Microwire EEPROM).
* **-R**: Indicates a wide voltage range (1.8V to 5.5V).
* **MB**: Indicates the package code for **UFDFPN8** (2x3 mm).
* **7**: Indicates **Device Grade 7**, which means the chip is rated for temperatures between **-40°C and +105°C**.
---
### 3. Functional Pinout (UFDFPN8)
The device typically uses 8 pins to facilitate communication and power:
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **S (CS)** | Chip Select | Activates the device when set High. |
| **D (SI)** | Serial Data Input | Receives instructions and data. |
| **Q (SO)** | Serial Data Output | Outputs data during read operations. |
| **C (SK)** | Serial Clock | Synchronizes data movement. |
| **ORG** | Organization | Selects between x8 or x16 memory structure. |
| **PE** | Program Enable | Hardware protection against accidental writes. |
| **Vcc / Vss** | Power / Ground | Power supply pins. |
---
### 4. Distinctive Features
* **Selectable Organization:** By pulling the `ORG` pin High or Low, the user can choose to access the memory as 2048 bytes (8-bit) or 1024 words (16-bit).
* **Self-Timed Write Cycle:** The chip includes an internal timer that manages the "Write" or "Erase" duration (typically 5ms), freeing up the host microcontroller.
* **READY/BUSY Status:** During a write cycle, the Data Output (Q) pin can be polled to check if the internal write operation is complete.
* **Sequential Read:** It supports reading the entire memory contents in a single continuous stream.
---
### 5. Common Applications
1. **Automotive:** Storing odometer data, calibration settings, and radio presets.
2. **Industrial:** Configuration parameters for sensors and motor controllers.
3. **Consumer Electronics:** Storing MAC addresses or unique device IDs.
---
- ⤷
What is the difference between the M93C86 and the standard SPI-based M95 series?
- ⤷ How does the ORG pin change the memory addressing logic?
- ⤷ What are the specific soldering requirements for the UFDFPN8 package?