M93C76-RMB3P
AI

The **M93C76-RMB3P** is a specific variant of the 8-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (8192 bits) |
| **Organization** | User-selectable: 1024 x 8 bits or 512 x 16 bits |
| **Interface** | MICROWIRE (3-wire serial interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V) / 1 MHz (at 1.8V) |
| **Endurance** | 4 Million write cycles (approx.) |
| **Data Retention** | 200 Years |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
---
### 2. Detailed Part Number Breakdown
The suffix **RMB3P** provides specific information regarding the physical and electrical characteristics:
* **93C76**: The base model family (MICROWIRE 8Kb EEPROM).
* **R**: Operating voltage range of **1.8V to 5.5V**.
* **MB**: Package code for **UFDFPN8** (also known as DFN8), which is a 2x3 mm miniature surface-mount package.
* **3**: Temperature range **Grade 3** (-40°C to +125°C), suitable for automotive and high-heat industrial applications.
* **P**: Indicates **RoHS compliance** and Lead-free/Halogen-free construction (ECOPACK2).
---
### 3. Pin Configuration and Functions
The device typically uses an 8-pin layout with the following primary signals:
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **S** | Chip Select | Activates the device when High. |
| **D** | Serial Data Input | Receives op-codes and data. |
| **Q** | Serial Data Output | Outputs data during read operations. |
| **C** | Serial Clock | Synchronizes data transfer. |
| **ORG** | Organization Select | High = 16-bit mode; Low/Floating = 8-bit mode. |
| **VCC/VSS** | Power / Ground | Power supply pins. |
---
### 4. Common Applications
Due to its small footprint and high temperature rating (Grade 3), this part is frequently found in:
* **Automotive Electronics:** Storing calibration data or odometer settings in ECUs.
* **Industrial Sensors:** Parameter storage in high-heat environments.
* **Consumer Electronics:** Configuration storage in space-constrained devices like wearables.
- ⤷What are the main differences between MICROWIRE and I2C protocols for EEPROMs?
- ⤷ How does the 'ORG' pin affect the memory addressing logic?
- ⤷ Can this EEPROM be used in standard 3.3V and 5V logic systems?