M93C66-RMB3TP
AI

The **M93C66-RMB3TP** is a specific variant of the M93C66 family, which consists of 4-Kbit serial Microwire EEPROM (Electrically Erasable Programmable Memory) devices. This part is manufactured by **STMicroelectronics**.
---
### 1. Key Technical Specifications
The table below summarizes the core electrical and operational parameters for this specific part number.
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 4 Kbit (4096 bits) |
| **Memory Organization** | 256 x 16-bit or 512 x 8-bit (User selectable) |
| **Interface** | Microwire (3-wire serial interface) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V) / 1 MHz (at 1.8V) |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade 3) |
| **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Fine-pitch Dual Flat No-lead |
| **Write Cycles** | 4,000,000 cycles |
| **Data Retention** | 200 Years |
---
### 2. Part Number Breakdown
To understand the specific features of the **M93C66-RMB3TP**, we can decode the suffix:
* **M93C66**: Base part number for the 4-Kbit Microwire EEPROM.
* **-R**: Indicates the low voltage range (1.8V to 5.5V).
* **MB**: Indicates the **UFDFPN8** package (2x3 mm).
* **3**: Indicates **Automotive Grade 3** temperature range (-40°C to +125°C).
* **TP**: Indicates **Tape and Reel** packaging.
---
### 3. Pin Configuration (UFDFPN8)
The device typically uses 8 pins to facilitate communication and power.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Active High) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization Select (High: x16, Low: x8) |
| 7 | **DU/NC** | Do Not Use / No Connect |
| 8 | **Vcc** | Supply Voltage |
---
### 4. Functional Features
* **Write Protection:** The device includes a status register that can be used to prevent accidental writes to the memory.
* **Sequential Read:** It supports reading the entire memory contents sequentially with a single command.
* **Ready/Busy Signal:** After a write cycle, the Data Output (Q) pin can be used to poll the status of the internal write operation.
* **Low Power Consumption:** Optimized for battery-powered applications with low standby current.
---
- ⤷
What is the difference between Microwire and SPI interfaces in EEPROMs?
- ⤷ Can the M93C66-RMB3TP be used in 3.3V industrial systems?
- ⤷ How does the ORG pin affect the memory addressing?