M93C66-RDS7
AI

The **M93C66-RDS7** is a specific variant of the 4-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in consumer electronics and automotive applications.
---
## 1. Technical Specifications
The "RDS7" suffix provides specific information regarding the voltage range, package type, and temperature grade.
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 4 Kbit (4096 bits) |
| **Organization** | Configurable: 256 x 16-bit or 512 x 8-bit |
| **Interface** | MICROWIRE (3-wire serial interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +125°C (Automotive Grade 3) |
| **Write Cycles** | 4 Million cycles (typical) |
| **Data Retention** | 200 Years |
---
## 2. Pin Configuration (TSSOP8)
The device typically uses an 8-pin layout to handle power and data communication.
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Internal Organization (x8 or x16) |
| 7 | **DU** | Don't Use / No Connect |
| 8 | **Vcc** | Supply Voltage |
---
## 3. Key Features
### Sequential Read
The M93C66 allows for sequential reading of the entire memory map. Once a read command is initiated, the device continues to output data as long as the clock signal is provided.
### Write Protection
To prevent accidental data loss, the device includes a "Write Disable" state upon power-up. A specific **WEN (Write Enable)** instruction must be sent before any data can be modified.
### Flexible Organization
By tying the **ORG** pin to either $V_{cc}$ or $V_{ss}$, the user can choose how the memory is addressed:
* **High (Vcc):** Organized as $256 \times 16$ bits.
* **Low (Vss):** Organized as $512 \times 8$ bits.
---
## 4. Decoding the Part Number
The suffix **RDS7** is broken down as follows:
* **R**: Operating voltage of 1.8V to 5.5V.
* **DS**: TSSOP8 package (8-lead, 3x4.4mm).
* **7**: Device tested for Temperature Grade 3 (-40 to +125°C).
---
- ⤷
What are the main differences between MICROWIRE and SPI interfaces for EEPROMs?
- ⤷ How do I wire the ORG pin for a 16-bit word configuration?
- ⤷ What is the power consumption of the M93C66 in Standby mode?