Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • M93C56-RMB6TP

  • AI
    ## Detailed Overview of the M93C56-RMB6TP The **M93C56-RMB6TP** is a specialized non-volatile memory chip manufactured by STMicroelectronics. It belongs to the Microwire serial bus family and is widely used for storing configuration data, calibration parameters, and user settings in embedded systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (2048 bits) | | **Memory Organization** | 128 x 16 bit or 256 x 8 bit (User selectable) | | **Interface** | Microwire (3-wire serial interface) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) | | **Package Type** | MSOP8 (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | | **Write Cycles** | 1,000,000 (Endurance) | | **Data Retention** | 40 Years | --- ### 2. Part Number Breakdown Understanding the suffix is crucial for identifying the physical and electrical characteristics: * **M93C56**: Base part number for the 2 Kbit Microwire EEPROM. * **-R**: Indicates a wide voltage range (1.8V to 5.5V). * **MB**: Specifies the package type (MSOP8 / TSSOP8 equivalent). * **6**: Temperature range grade (-40 to +85 °C). * **T**: Tape and Reel packaging. * **P**: Lead-free and RoHS compliant (Green). --- ### 3. Functional Pinout Description | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **S** | Chip Select (Active High) | | 2 | **D** | Serial Data Input | | 3 | **C** | Serial Clock | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground | | 6 | **ORG** | Internal Organization (High=x16, Low=x8) | | 7 | **DU** | Don't Use (Leave disconnected or to Vss) | | 8 | **Vcc** | Supply Voltage | --- ### 4. Application Areas The M93C56-RMB6TP is commonly integrated into the following systems: 1. **Consumer Electronics:** Storage for TV settings or monitor calibration. 2. **Automotive:** Odometer data or radio security codes. 3. **Industrial:** Storing calibration constants for sensors. 4. **Networking:** Storing MAC addresses or configuration bits for routers. --- ### 5. Implementation Example (Pseudo-Code) To communicate with this chip, a microcontroller must toggle the Chip Select (S) and Clock (C) pins while shifting data through the D pin. ```python # Conceptual Microwire Write Enable Command (9-bit sequence) # Start Bit (1) + Opcode (00) + Address/Control (11XXXXXX) def eeprom_write_enable(): chip_select.high() send_bits(0b1, 1) # Start bit send_bits(0b00, 2) # WEN Opcode send_bits(0b11, 2) # Enable bits send_bits(0x00, 4) # Dummy bits chip_select.low() ```
    ✨ Follow-up Questions
    • ⤷How does the ORG pin affect the memory addressing?
    • ⤷ What is the difference between the M93C56 and the M93C66?
    • ⤷ Is this EEPROM compatible with SPI controllers?