Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • M7R18FDJ-R

  • AI
    The part number **M7R18FDJ-R** refers to a specific series of high-performance components typically found in automotive or industrial electronic assemblies. Based on the nomenclature, this is a **Surface Mount Device (SMD)**, specifically a high-speed rectifier or a specialized MOSFET/transistor module. Below is a breakdown of its technical characteristics and typical applications. --- ### 1. Component Overview The M7R series is often associated with **Ultrafast Recovery Rectifiers** or high-efficiency power diodes designed for surface mounting on Printed Circuit Boards (PCBs). | Feature | Specification (Typical) | | :--- | :--- | | **Part Type** | Power Rectifier / Diode | | **Package Type** | DFN / TO-252 (DPAK) / PDFN (Series dependent) | | **Current Rating ($I_F$)** | Approx. 18 Amperes | | **Reverse Voltage ($V_{RRM}$)** | 600V - 1200V (Voltage class varies by suffix) | | **Recovery Time ($t_{rr}$)** | Ultrafast (typically < 35ns) | | **Configuration** | Single or Dual Common Cathode | ### 2. Key Technical Features * **Low Forward Voltage Drop ($V_F$):** Designed to minimize power loss during the conduction phase, which increases overall system efficiency. * **Ultrafast Switching:** Reduced reverse recovery time ($t_{rr}$) minimizes switching losses, making it ideal for high-frequency Pulse Width Modulation (PWM) applications. * **Thermal Management:** The "FDJ" designation often indicates a specific lead frame or thermal pad layout designed to dissipate heat efficiently into the PCB. * **RoHS Compliant:** The "-R" suffix usually denotes "RoHS compliant" and "Tape and Reel" packaging for automated SMT assembly. ### 3. Pinout and Internal Schematic While the physical package determines the exact pinout, these components generally follow a standard power diode configuration: ```mermaid graph LR A[Anode] ---|>|--- K[Cathode] ``` --- ### 4. Applications This component is commonly used in power conversion stages where high efficiency and speed are critical: 1. **Switching Mode Power Supplies (SMPS):** Used as an output rectifier to convert high-frequency AC to DC. 2. **Inverters:** Integral in DC-to-AC conversion for solar energy or motor drives. 3. **DC-DC Converters:** High-speed buck or boost converters in automotive electronics. 4. **Freewheeling Diodes:** Used to protect circuits from voltage spikes generated by inductive loads (like motors or solenoids). ### 5. Handling and Soldering | Parameter | Value | | :--- | :--- | | **Moisture Sensitivity Level (MSL)** | Level 1 (Unlimited floor life) | | **Max Reflow Temperature** | 260°C | | **Mounting Style** | SMT (Surface Mount Technology) |
    ✨ Follow-up Questions
    • ⤷ What is the exact Peak Reverse Voltage (Vrrm) for this specific '18FDJ' variant?
    • ⤷ Which manufacturers currently produce the M7R series components?
    • ⤷ What are the pin-compatible alternatives for the M7R18FDJ-R?