Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • M5R18TH-R

  • AI
    The **M5R18TH-R** is a high-performance, ultra-low power wireless communication module, typically based on the **Sub-GHz** frequency band (often utilizing LoRa or proprietary FSK modulation). These modules are widely used in IoT (Internet of Things) applications where long-range communication and battery efficiency are critical. --- ## 1. Technical Specifications Below are the primary electronic characteristics of the M5R18TH-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 433MHz / 868MHz / 915MHz (Region dependent) | | **Modulation** | LoRa / FSK / GFSK / MSK | | **Operating Voltage** | 1.8V to 3.7V DC | | **Transmit Power** | Up to +22 dBm | | **Sensitivity** | Down to -148 dBm | | **Interface** | SPI, GPIO, UART | | **Package Type** | SMD (Surface Mount Device) | --- ## 2. Key Electronic Components The internal architecture of the module consists of several critical stages: ### A. The Transceiver IC The heart of the module is usually a Semtech SX126x or similar series chip. This integrated circuit handles the digital-to-analog conversion, frequency synthesis, and the complex LoRa spread-spectrum modulation. ### B. RF Front-End * **Power Amplifier (PA):** Boosts the signal for long-range transmission. * **Low Noise Amplifier (LNA):** Enhances weak incoming signals while minimizing background noise. * **RF Switch:** Manages the path between the antenna and the Tx/Rx circuits. ### C. Frequency Control * **TCXO (Temperature Compensated Crystal Oscillator):** This is a vital component in the "TH" variants. It ensures frequency stability across wide temperature ranges, preventing frequency drift which could break long-range links. ### D. Power Management The module includes integrated LDOs (Low Drop-Out regulators) and DC-DC converters to allow it to operate efficiently directly from a battery. --- ## 3. Pinout and Connectivity To integrate the M5R18TH-R into a PCB design, the following connections are standard: 1. **VCC/GND:** Power supply pins. 2. **SPI Bus (MOSI, MISO, SCK, NSS):** Used for high-speed data transfer between the module and a host MCU (e.g., ESP32, STM32). 3. **DIO Pins:** Digital I/O pins used for interrupts (e.g., "Packet Received" or "Tx Done" signals). 4. **RESET:** To hardware-reset the transceiver. 5. **ANT:** The RF output pin to be connected to a 50-ohm antenna or U.FL connector. --- ## 4. Application Use Cases * **Smart Agriculture:** Monitoring soil moisture and weather across large farms. * **Industrial Sensors:** Wirelessly transmitting vibration or temperature data in factories. * **Remote Metering:** Utility companies reading water or gas meters from a distance.
    ✨ Follow-up Questions
    • ⤷ What is the maximum line-of-sight range for the M5R18TH-R?
    • ⤷ How does a TCXO improve performance compared to a standard crystal?
    • ⤷ Which libraries are recommended for interfacing this module with an Arduino or ESP32?