Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • M3V15VCJ-R

  • AI
    The **M3V15VCJ-R** is a specific surface-mount electronic component, typically categorized as a **Varistor (Voltage Dependent Resistor)**, often utilized in automotive and industrial circuit protection. --- ## 1. Component Overview This device is designed to protect sensitive electronic circuits from high-voltage transients (surges) by shifting from a high-resistance state to a low-resistance state when the threshold voltage is exceeded. | Feature | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Package Type** | SMD (Surface Mount Device) | | **Application** | Surge Protection / ESD Suppression | | **Key Characteristics** | High current handling, fast response time | --- ## 2. Technical Specifications While exact values can vary slightly by manufacturer (often associated with brands like **KOA Speer** or **TDK**), the "15V" designation usually refers to the working voltage. ### Electrical Properties * **Maximum Allowable Voltage (DC):** Approximately 15V. * **Varistor Voltage:** The voltage at which the device begins to conduct (usually measured at 1mA DC). * **Clamping Voltage:** The maximum voltage the device will allow across it during a surge event. * **Energy Absorption:** Rated in Joules (J), indicating how much transient energy it can dissipate without failure. --- ## 3. Circuit Functionality The M3V15VCJ-R acts as a "safety valve" for electronics. ### How it Works: 1. **Normal Operation:** The varistor has high impedance and appears as an open circuit to the system. 2. **Surge Event:** When a spike (e.g., from a motor kickback or static discharge) exceeds 15V, the resistance drops instantly. 3. **Protection:** The excess current is shunted to the ground, protecting downstream components like microcontrollers or sensors. --- ## 4. Typical Applications * **Automotive Electronics:** Protecting 12V rail systems from load dump transients. * **I/O Port Protection:** Guarding communication lines against Electrostatic Discharge (ESD). * **Power Supplies:** Filtering noise and preventing damage from unstable input voltages. --- ## 5. Identification & Marking * **M3V:** Series identifier. * **15V:** Voltage rating (15 Volts). * **CJ:** Size or tolerance code (Specific to manufacturer datasheets). * **-R:** Indicates compliance with RoHS (Lead-free) and often signifies Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the peak pulse current rating for the M3V15VCJ-R?
    • ⤷ Can this varistor be used in 24V automotive systems?
    • ⤷ What are the footprint dimensions for the SMD package of this part?