Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • M3H47FAD-R

  • AI
    The **M3H47FAD-R** is a high-performance power semiconductor component, specifically a **N-Channel Trench MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). These components are widely used in power management and switching applications due to their high efficiency and compact design. --- ### 1. General Specifications The following table highlights the core electrical characteristics typically associated with this part: | Parameter | Typical Value | Description | |:---|:---|:---| | **Polarity** | N-Channel | Uses electrons as charge carriers; standard for low-side switching. | | **Drain-Source Voltage ($V_{DS}$)** | 30V - 40V | Maximum voltage the device can handle across its drain and source. | | **Continuous Drain Current ($I_D$)** | 40A - 60A | Maximum constant current flow (thermal limited). | | **On-Resistance ($R_{DS(on)}$)** | ~4-8 mΩ | Resistance when the gate is fully "On" (lower is better for efficiency). | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | Maximum voltage applied to the gate to trigger the switch. | | **Package Type** | PDFN3333 / DFN | Surface-mount package optimized for thermal dissipation. | --- ### 2. Key Features * **Trench Technology:** Uses a vertical trench gate structure to significantly reduce $R_{DS(on)}$ and gate charge, leading to lower conduction losses. * **High Speed:** Optimized for high-frequency switching applications. * **Thermal Efficiency:** The DFN/PDFN packaging allows the chip to transfer heat directly to the PCB via a bottom-side thermal pad. * **Logic Level Compatible:** Often designed to be fully turned on by 4.5V or 5V logic signals. --- ### 3. Common Applications Due to its high current handling and low resistance, the M3H47FAD-R is found in: 1. **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation. 2. **Battery Management Systems (BMS):** Acts as a protection switch for charging/discharging. 3. **Motor Control:** Small BLDC motor drivers or brushed DC motor PWM control. 4. **Load Switching:** Turning peripheral devices on/off in laptops or industrial tablets. --- ### 4. Pin Configuration (Typical PDFN3333) | Pin # | Label | Function | |:---|:---|:---| | 1-3 | Source (S) | Connection to the negative side/ground. | | 4 | Gate (G) | Control terminal to turn the MOSFET on or off. | | 5-8 (Pad) | Drain (D) | Connection to the load; usually the large thermal pad. |
    ✨ Follow-up Questions
    • ⤷What is the exact maximum Drain-Source voltage for the M3H47FAD-R?
    • ⤷ Which manufacturer produces the M3H47FAD-R?
    • ⤷ How does the RDS(on) value change at different gate voltages (e.g.
    • ⤷ 4.5V vs 10V)?