Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • M37702T-RPDM

  • AI
    The **M37702T-RPDM** is a specialized development tool, specifically a **Reduced Pin Debugging Module (RPDM)**, designed for the Renesas (formerly Mitsubishi) 7700 series of 16-bit microcontrollers. Below is a breakdown of its electronic components, function, and technical specifications. --- ### 1. General Overview The RPDM acts as an interface between a host computer (running development software) and the target microcontroller (M37702). It is primarily used for **In-Circuit Emulation (ICE)** and debugging without requiring a full-scale, bulky emulator. ### 2. Key Electronic Components and Architecture | Component Category | Description | | :--- | :--- | | **Control Logic** | Contains high-speed PLDs (Programmable Logic Devices) or custom ASICs to manage real-time debugging signals. | | **Communication Interface** | Typically features a serial or parallel interface to connect to the PC, and a specific debug header for the target board. | | **Buffering Circuits** | High-speed CMOS buffers (74-series logic) to ensure signal integrity between the emulator and the target CPU. | | **Status LEDs** | Indicators for "Power," "Run," and "Halt" states to provide immediate visual feedback on the CPU status. | | **Target Connector** | A high-density pin header designed to mate with the M37702 series evaluation boards. | ### 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Supported CPU** | Mitsubishi M37702 (7700 Series 16-bit) | | **Voltage Range** | Typically 5.0V (Standard logic levels) | | **Main Functions** | Real-time trace, Breakpoint setting, RAM monitoring | | **Form Factor** | Small-footprint PCB module (RPDM style) | --- ### 4. Functional Capabilities The electronic design of the M37702T-RPDM allows engineers to perform the following tasks: * **Real-time Emulation:** The module mimics the electrical behavior of the M37702 microcontroller, allowing code execution at full clock speed. * **Hardware Breakpoints:** Integrated circuitry monitors the address bus to stop execution when a specific memory address is reached. * **Minimal Intrusion:** The "Reduced Pin" design ensures that the debugger uses as few I/O pins as possible, leaving most of the microcontroller's pins free for the user's application circuit. ### 5. Usage Context This module is typically used during the **prototyping phase** of embedded systems development, such as in automotive ECUs, industrial controllers, or legacy consumer electronics that utilized the 7700 series architecture. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the M37702T-RPDM and a standard M37702 chip?
    • ⤷ Which modern development environment is compatible with this legacy Renesas tool?
    • ⤷ Are there specific power supply requirements for the RPDM module during debugging?