M34C02-RMB1P
AI

## Overview of the M34C02-RMB1P
The **M34C02-RMB1P** is a specific type of EEPROM (Electrically Erasable Programmable Read-Only Memory) designed by STMicroelectronics. It is primarily used for **Serial Presence Detect (SPD)** in DRAM modules (like DDR2 or DDR3 SDRAM).
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbits (256 x 8 bits) |
| **Interface** | I²C Serial Interface (400 kHz) |
| **Operating Voltage** | 1.7V to 5.5V |
| **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Dual Flat No-lead |
| **Write Protection** | Software-selectable Write Protection |
| **Endurance** | 1 Million Write Cycles |
| **Data Retention** | 40 Years |
---
### Internal Architecture and Electronic Functions
The device is organized as a single block of memory. Its electronic behavior is defined by several key internal systems:
1. **I²C Serial Interface**:
* It operates as a slave device on the I²C bus.
* It uses a two-wire protocol consisting of a Serial Clock (SCL) and Serial Data (SDA).
2. **Write Protection Logic**:
* The "34" series is unique because it includes **Software Write Protection**.
* The first 128 bytes can be permanently or semi-permanently locked to prevent overwriting critical SPD data (like RAM timings and manufacturer info).
3. **Address Inputs**:
* It features three chip-enable pins ($E_0, E_1, E_2$), allowing up to eight M34C02 devices to be connected to the same I²C bus.
4. **Low Power Consumption**:
* It is optimized for mobile and battery-powered applications, with a very low standby current.
---
### Pin Configuration (UFDFPN8)
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **E0, E1, E2** | Chip Enable | Sets the hardware address for the device. |
| **SDA** | Serial Data | Bidirectional pin used to transfer data in/out. |
| **SCL** | Serial Clock | Provides the clock signal for data synchronization. |
| **WC** | Write Control | Hardware pin to enable/disable write operations. |
| **VCC** | Power Supply | 1.7V to 5.5V input. |
| **VSS** | Ground | Reference ground. |
---
### Typical Application Circuit
```mermaid
graph LR
MCU[Microcontroller/RAM Controller] -- SCL Line --- EEPROM[M34C02]
MCU -- SDA Line --- EEPROM
VCC --- EEPROM
GND --- EEPROM
WC --- GND[Write Enabled]
```
### Ordering Information Detail: "RMB1P"
* **R**: Operating Voltage (1.7V to 5.5V).
* **MB**: Package code for UFDFPN8 (2x3mm).
* **1**: Temperature range (0°C to 70°C).
* **P**: Lead-free and RoHs compliant (Green).
- ⤷
What is the difference between M24C02 and M34C02?
- ⤷ How does the Software Write Protection work in this chip?
- ⤷ Can this chip be used in DDR4 or DDR5 applications?