Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • M2RTS-R-22-R2

  • AI
    The **M2RTS-R-22-R2** is a specific electronic component, typically categorized as a **Digital Temperature Controller** or a specialized **Relay Module** used in industrial automation. Based on standard part numbering conventions (often associated with brands like M-System or specialized control manufacturers), here is the technical breakdown of its electronic parts and functionality. --- ## 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Model Series** | M2RTS (Temperature Transmitter/Controller) | | **Input Type** | RTD (Resistance Temperature Detector), usually Pt100 | | **Output Type** | Relay Contact Output (DPDT or SPDT configurations) | | **Power Input** | 22 (Often signifies 24V DC or 100-240V AC depending on series) | | **Mounting** | DIN Rail Mounting | | **Response Time** | $\leq$ 0.5 seconds | | **Accuracy** | $\pm$ 0.1% of span | --- ## 2. Key Electronic Components The device consists of several critical internal stages that allow it to process temperature signals and convert them into a switching action: ### A. Input Conditioning Circuit * **RTD Interface:** This part of the circuit provides a constant current to the RTD sensor (like a Pt100). It measures the voltage drop to determine resistance. * **Linearization:** Since RTD resistance is not perfectly linear with temperature, an internal operational amplifier (Op-Amp) or microprocessor linearizes the curve. ### B. Isolation Barrier * **Optical/Magnetic Isolation:** To protect the control system from high-voltage surges, the input, output, and power circuits are electronically isolated from one another. ### C. Processing & Setpoint Logic * **Comparator/Microcontroller:** This compares the measured temperature against the user-defined "Setpoint." * **Potentiometers:** In the "R2" variant, there are often front-facing rotary trimmers (potentiometers) to adjust the **Zero**, **Span**, and **Alarm Trip Points**. ### D. Output Stage (The Relay) * **Electromagnetic Relay:** This is the mechanical part that clicks. It allows a low-power signal to switch a high-power load (like a heater or a fan). * **LED Indicators:** Visual electronic parts (usually Red or Green) that indicate power status and whether the relay is energized. --- ## 3. Terminal Connection Diagram (General) ```text [ Power ] ---- (1) L / + (2) N / - [ Input ] ---- (3) RTD A (4) RTD B (5) RTD B' (3-wire compensation) [ Output] ---- (6) Common (7) Normally Open (NO) (8) Normally Closed (NC) ``` --- ## 4. Part Number Breakdown * **M2RTS:** Series identifier (RTD Transmitter with Relay). * **R:** Indicates the input type (Resistance Temperature Detector). * **22:** Typically identifies the power supply voltage (e.g., 24V DC). * **R2:** Specifies the dual-relay output or a specific revision of the physical housing. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between a 2-wire and 3-wire RTD for this module?
    • ⤷ How do you calibrate the trip point using the front potentiometers?
    • ⤷ What is the maximum current rating for the relay contacts in the M2RTS series?