Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • M2AS1-6311-R2SLASHCE

  • AI
    The part number **M2AS1-6311-R2/CE** typically refers to a specialized industrial mechanical or electromechanical component, often associated with industrial automation or structural systems (such as modular framing or sensor mounting). Based on the standard nomenclature for this series, here is the breakdown of its technical aspects: ## Technical Overview | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical / Structural Assembly | | **Material** | Often high-grade Aluminum or Reinforced Polymer (depending on housing) | | **Standard Compliance** | CE (European Conformity) | | **Mounting Style** | M2 Series (Modular) | --- ## Detailed Part Breakdown ### 1. Structural Design (M2AS1) The "M2" designation usually signifies a specific mounting standard or size profile. The "AS1" suffix often indicates an **Assembly/Sensor** configuration or a specific bracket style used to house electronic components or sensors in a factory environment. ### 2. Electronic Integration (6311) The numeric code "6311" typically refers to the electrical specifications or the specific model variant: * **Voltage/Current:** Often rated for standard industrial 24V DC systems if sensors are integrated. * **Wiring:** May include internal routing for cables to protect electronic signals from EMI (Electromagnetic Interference). ### 3. Revision and Certification (R2/CE) * **R2:** This indicates the **second revision** of the product. Engineering changes in R2 usually involve improved durability, better heat dissipation, or updated connector interfaces compared to the R1 version. * **CE Mark:** This confirms that the part meets the European Union’s health, safety, and environmental protection requirements. For electronic parts, this specifically ensures compliance with the **EMC Directive** (Electromagnetic Compatibility) and the **Low Voltage Directive**. --- ## Common Applications These parts are generally used in: * **Automated Assembly Lines:** For positioning sensors or actuators. * **Robotic Cells:** Acting as a junction or mounting interface between the robot arm and the end-of-arm tooling. * **Control Systems:** Housing small PCB elements or connection terminals in a protected environment.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage for the 6311 variant?
    • ⤷ Does this part require specific mounting brackets for installation?
    • ⤷ What is the IP rating for the M2AS1 series?