Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • M2AS1-5121-R2SLASHCE

  • AI
    The **M2AS1-5121-R2/CE** is a high-performance **Industrial SSD (Solid State Drive)** manufactured by **Innodisk**. This specific part belongs to the **M.2 (S42) 3ME4** series, designed for industrial, embedded, and enterprise applications where reliability is more critical than raw consumer speed. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (S42) - 42mm length | | **Interface** | SATA III 6.0 Gb/s | | **Capacity** | 512 GB | | **Flash Type** | MLC (Multi-Level Cell) | | **Controller** | Marvell or Innodisk Proprietary ID201 | | **Operating Temp** | Standard Grade: 0°C ~ +70°C | | **Dimensions** | 22.0 x 42.0 x 3.5 mm | --- ### 2. Electronic Architecture & Components The device is composed of three primary electronic layers that define its performance and longevity: #### A. NAND Flash Memory (MLC) Unlike consumer-grade TLC or QLC drives, this part uses **MLC (Multi-Level Cell)**. - **Reliability:** MLC stores 2 bits per cell, offering a higher endurance (P/E cycles) compared to standard consumer drives. - **Data Retention:** Better voltage stability, reducing the risk of data corruption over long periods of non-use. #### B. The Controller (LDPCC Engine) The "brain" of the SSD manages how data is distributed across the flash chips. - **Wear Leveling:** Sophisticated algorithms ensure that all flash blocks are erased and written to evenly, preventing "hot spots" that lead to premature failure. - **Bad Block Management:** Automatically identifies and maps out failing sectors to keep the storage pool healthy. #### C. Data Integrity Features - **iData Guard:** A proprietary power-fail management technology. It uses onboard sensors to detect sudden power drops and ensures the last command is completed or safely discarded to prevent file system corruption. - **iCell Technology:** (Often optional or integrated) High-quality capacitors that provide "hold-up time" to flush cached data to the NAND during power loss. --- ### 3. Part Number Breakdown (Decoding) Understanding the code **M2AS1-5121-R2/CE**: * **M2AS1**: Refers to the M.2 SATA form factor and the 3ME4 product family. * **5121**: Indicates the **512 GB** capacity. * **R2**: Revision code for the PCB (Printed Circuit Board) layout or firmware baseline. * **CE**: Denotes specific compliance or packaging standards (often related to European CE certification and environmental standards like RoHS). --- ### 4. Ideal Use Cases Due to its 2242 (small) form factor and high reliability, it is typically found in: 1. **Industrial PCs (IPCs):** Compact automation controllers. 2. **Medical Equipment:** High-stability storage for diagnostic machines. 3. **Digital Signage:** Continuous 24/7 operation in outdoor or indoor kiosks. 4. **Transportation:** On-board vehicle computing systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference in endurance (TBW) between this MLC model and a standard TLC SSD?
    • ⤷ Does this model support hardware-based AES encryption?
    • ⤷ How does the iData Guard technology specifically protect data during a power surge?