Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • M2ADS-EB1-R2

  • AI
    The **M2ADS-EB1-R2** is a specialized evaluation board (EB) designed primarily for interfacing and testing **M.2 (NGFF)** modules in industrial or development environments. Below is a detailed breakdown of its electronic components and specifications. --- ### ## Core Specifications The board serves as a bridge between high-speed M.2 modules and standard system interfaces (usually PCIe or USB). | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (NGFF) to PCIe Adapter / Evaluation Board | | **Slot Type** | M.2 Key M (typically) or Key B+M | | **Host Interface** | PCIe x1 or x4 (depending on the specific revision) | | **Supported Lengths** | 2230, 2242, 2260, 2280 | | **Power Input** | 3.3V via PCIe slot or External DC Header | --- ### ## Key Electronic Components #### 1. Power Management Circuitry M.2 modules are highly sensitive to voltage ripples. The board includes: * **Voltage Regulators (LDO/Buck):** Converts input power to a stable 3.3V required by M.2 specifications. * **Decoupling Capacitors:** Electrolytic and ceramic capacitors placed near the M.2 connector to filter high-frequency noise and ensure signal integrity. #### 2. Signal Routing & Integrity * **Differential Pair Routing:** The PCB traces for data (TX/RX) are impedance-matched to 100 ohms to support PCIe Gen 3 or Gen 4 speeds. * **LED Indicators:** * **PWR LED:** Indicates the board is receiving power. * **ACT/STS LED:** Indicates data activity or status from the M.2 module (DAS/DSS signal). #### 3. Connectors and Jumpers * **M.2 Connector:** A high-density 75-pin connector. * **External Power Header:** Often a 2-pin or 4-pin header for providing extra current if the PCIe slot power is insufficient for high-performance NVMe drives. * **Configuration Jumpers:** Allow users to manually set specific signals like `W_DISABLE` (Wireless Disable) or `PERST#` (PCIe Reset). #### 4. Thermal Management * **Copper Pours:** Large ground planes used as heat sinks. * **Mounting Studs:** Adjustable brass or steel standoffs to secure different module lengths (2242 vs 2280). --- ### ## Use Cases 1. **SSD Testing:** Validating NVMe drive performance and thermal throttling. 2. **Communication Modules:** Testing M.2-based Wi-Fi 6 or 5G modules (if the board supports USB/SIM signals). 3. **Hardware Development:** Debugging firmware on M.2 peripherals via accessible test points on the PCB. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum PCIe generation supported by the M2ADS-EB1-R2?
    • ⤷ Does this board support SATA-based M.2 modules or only NVMe?
    • ⤷ Are there specific pinouts available for the external power header?