Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • M2AC-AD3-R/Q

  • AI
    The **M2AC-AD3-R/Q** is a specific model within the **M2 Series** of signal conditioners manufactured by **M-System**. This device is a compact, plug-in type signal conditioner designed to convert an AC current input into a standard DC output. Below is the breakdown of its electronic components and specifications based on the model suffix: --- ## 1. Model Code Breakdown The alphanumeric suffix defines the specific electronic characteristics of the unit: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2AC** | Base Model | AC Transmitter (Input: AC, Output: DC) | | **AD3** | Input/Output Spec | Input: 0–5A AC | Output: 0–10V DC | | **R** | Power Input | 24V DC (Standard) | | **Q** | Options | Specific customization (often involves conformal coating or special labeling) | --- ## 2. Key Electronic Specifications The internal circuitry is designed for precision measurement and isolation. ### Input Section (AC Input) * **Input Frequency:** 40 Hz to 1 kHz. * **Input Impedance:** The unit uses a low-resistance shunt or a small internal current transformer (CT) to minimize the burden on the primary loop. * **Overload Capacity:** Typically supports 500% of input for 5 seconds. ### Output Section (DC Output) * **Signal Type:** 0–10V DC. * **Load Resistance:** Minimum $10k\Omega$. * **Response Time:** $\le 0.5$ seconds (0–90%). * **Ripple:** $\le 0.5\%$ p-p. ### Power & Isolation * **Power Supply:** 24V DC ($\pm 10\%$), ripple 10% p-p max. * **Isolation:** 3-way isolation (Input to Output to Power). * **Isolation Resistance:** $\ge 100M\Omega$ at 500V DC. * **Dielectric Strength:** 2000V AC @ 1 minute. --- ## 3. Physical & Electronic Interface The device uses a standard **8-pin plug-in base** (Socket) for electrical connections. ### Pin Configuration (Standard M2 Series) | Pin No. | Function | Description | | :--- | :--- | :--- | | 1 | Output (+) | DC 0–10V Positive | | 2 | Output (-) | DC 0–10V Negative | | 3 | Input (U) | AC Input (Line) | | 4 | Input (V) | AC Input (Neutral) | | 7 | Power (U+) | 24V DC Positive | | 8 | Power (V-) | 24V DC Negative | --- ## 4. Internal Processing Logic The M2AC-AD3 uses an **Average Sensing** circuit to rectify the AC signal. 1. **Rectification:** The AC input is passed through a precision rectifier. 2. **Smoothing:** The rectified signal is filtered to obtain a DC mean value. 3. **Scaling:** The signal is calibrated so that the average value corresponds to the RMS value of a sine wave. 4. **Isolation:** The signal is transmitted across an optical or transformer-based isolation barrier to the output stage. ---
    ✨ Follow-up Questions
    • ⤷ Does the 'Q' option specifically indicate a conformal coating for harsh environments?
    • ⤷ What is the power consumption in Watts for the M2AC-AD3-R model?
    • ⤷ Can this device handle non-sinusoidal AC waves accurately?