Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • LS1024A-RDB

  • AI
    ## Overview of the LS1024A-RDB The **LS1024A-RDB** (Reference Design Board) is a compact, high-performance evaluation platform designed for the **NXP QorIQ LS1024A** communications processor. This board is primarily used for developing network-attached storage (NAS), voice-over-IP (VoIP) gateways, and enterprise access points. --- ### Core Components and Electronic Specifications The board integrates several high-speed interfaces and memory architectures to showcase the capabilities of the Layerscape architecture. | Component Category | Description | | :--- | :--- | | **Processor** | NXP QorIQ LS1024A (Dual ARM® Cortex®-A9 cores @ 1.2GHz) | | **Memory (RAM)** | 1 GB DDR3L SDRAM (support for up to 1066 MHz) | | **Flash Storage** | 256 MB NAND Flash & 128 MB SPI NOR Flash | | **Ethernet** | 2x 10/100/1000 Mbps RGMII ports | | **Expansion Slots** | 1x Mini-PCIe (2.0) and 1x SATA 2.0 (3Gbps) | | **Connectivity** | 1x USB 3.0 port and 1x USB 2.0 port | --- ### Key Electronic Modules #### 1. The LS1024A SoC The heart of the board is the System-on-Chip (SoC). It is unique because it features dedicated hardware acceleration for: * **Packet Acceleration:** Improves routing and bridging performance. * **Security Engine:** Provides high-speed cryptographic processing (AES, DES, MD5, SHA). #### 2. Power Management The board utilizes a complex power distribution network to step down standard DC input (typically 12V) to the low voltages required by the SoC logic cores (approx. 1.0V) and DDR3L memory (1.35V). #### 3. Clocking Logic The board employs multiple crystal oscillators to provide precise timing for: * **System Clock:** 100 MHz reference. * **DDR Clock:** Synchronized with the memory controller. * **Ethernet PHYs:** Ensuring stable data transmission over copper. #### 4. Debugging and Programming Interfaces For developers, the board includes: * **JTAG Header:** For low-level hardware debugging and boundary scans. * **UART/Serial Port:** Provides a console output (typically via a micro-USB or DB9 connector) for interacting with the bootloader (U-Boot) and Linux OS. --- ### Hardware Configuration (DIP Switches) The LS1024A-RDB uses DIP switches to configure the boot source. Below is a conceptual example of how these might be routed: ```markdown Switch Position | Function ----------------|-------------------------- 0001 | Boot from SPI NOR Flash 0010 | Boot from NAND Flash 0100 | Boot from I2C EEPROM ```
    ✨ Follow-up Questions
    • ⤷ What are the primary power requirements for the LS1024A-RDB?
    • ⤷ How does the hardware acceleration in the LS1024A differ from standard ARM cores?
    • ⤷ What software development kits (SDKs) are compatible with this hardware?