LS03-R24J-RC
AI

### Overview of LS03-R24J-RC
The **LS03-R24J-RC** is a precision **Surface Mount Device (SMD) Power Inductor**. Components in this category are designed to store energy in a magnetic field and are critical for managing power flow in electronic circuits.
---
### Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Parameter | Typical Value | Notes |
| :--- | :--- | :--- |
| **Inductance** | 24 µH | Measured at 1 MHz |
| **Tolerance** | ±5% | Indicated by the "J" suffix |
| **Package Size** | 1210 (EIA) / 3225 (Metric) | 3.2mm x 2.5mm footprint |
| **DC Resistance (DCR)** | ~1.5 - 2.5 Ω | Varies slightly by manufacturer batch |
| **Rated Current** | ~100mA - 150mA | Maximum continuous current |
| **Operating Temp** | -40°C to +125°C | Includes self-heating |
---
### Key Features and Construction
1. **Wire-Wound Core:** This part typically utilizes a wire-wound construction around a ceramic or ferrite core, providing high reliability and stable performance across different frequencies.
2. **Epoxy Encapsulation:** The "RC" suffix often denotes **RoHS Compliance**, ensuring the part is lead-free and environmentally safe. The body is usually coated with a protective resin.
3. **High Q Factor:** Because of its precision (±5%), it maintains a high Quality Factor, meaning it has low energy loss relative to its energy storage.
---
### Common Applications
This inductor is frequently found in the following circuit types:
* **DC-DC Converters:** Used for voltage regulation and smoothing ripples in power supplies.
* **Filtering:** Acts as a low-pass filter to block high-frequency noise in communication lines.
* **Signal Processing:** Used in RF (Radio Frequency) circuits where precise inductance values are required for tuning.
* **Consumer Electronics:** Found in smartphones, tablets, and portable medical devices due to its small 1210 form factor.
---
### Deciphering the Part Number
```text
LS 03 - R 24 J - RC
| | | | | |
| | | | | +-- RoHS Compliant
| | | | +------ Tolerance (J = ±5%)
| | | +--------- Inductance Value (24 = 24 µH)
| | +------------ Value Modifier (Decimal point indicator)
| +---------------- Case Size (03 refers to 1210/3225 size)
+------------------- Series (Wire-wound Inductor)
```
- ⤷
What are the equivalent alternative parts for the LS03-R24J-RC?
- ⤷ How does the self-resonant frequency (SRF) affect this inductor's performance in RF circuits?
- ⤷ What is the difference between the J tolerance and K tolerance in inductors?