AI

The **LRG-R5465** is a high-performance, ultra-compact GPS/GNSS receiver module. It is widely used in automotive navigation, personal tracking, and industrial telematics due to its low power consumption and high sensitivity.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Chipset** | MTK (MediaTek) High-Sensitivity Engine |
| **Frequency** | L1, 1575.42 MHz |
| **Channels** | 66 Search / 22 Tracking |
| **Sensitivity** | -165 dBm (Tracking) / -148 dBm (Cold Start) |
| **Supply Voltage** | 3.0V to 5.0V DC |
| **Power Consumption** | ~40mA (Tracking) / ~45mA (Acquisition) |
| **Interface** | UART (TTL Level) |
| **Update Rate** | 1 Hz to 10 Hz |
---
### 2. Electronic Component Breakdown
The LRG-R5465 is a System-in-Package (SiP) that integrates several critical electronic sub-components:
#### A. The GNSS Engine (IC)
The core logic is based on a MediaTek architecture. It handles the signal processing, calculates the **Position, Velocity, and Time (PVT)**, and converts satellite signals into NMEA data strings.
#### B. Low Noise Amplifier (LNA)
To maintain its -165 dBm sensitivity, the module includes an internal LNA. This component amplifies the weak signals from satellites while minimizing the introduction of electronic noise.
#### C. SAW Filter (Surface Acoustic Wave)
This component acts as a gatekeeper, filtering out out-of-band interference (such as signals from cellular or Wi-Fi networks) to ensure the GNSS receiver only processes the 1575.42 MHz frequency.
#### D. TCXO (Temperature Compensated Crystal Oscillator)
Because GPS timing requires extreme precision, a TCXO is used to provide a stable clock signal across a wide temperature range (-40°C to +85°C), ensuring fast "Time to First Fix" (TTFF).
---
### 3. Pinout and Integration
The module typically features a multi-pin SMT (Surface Mount Technology) pad layout:
* **VCC:** Power input (3.3V recommended).
* **GND:** System ground.
* **TX/RX:** UART communication lines for sending commands and receiving NMEA 0183 data.
* **PPS:** (Pulse Per Second) output used for high-precision timing applications.
* **RESET:** Used to manually restart the module logic.
---
### 4. Implementation Example (UART Data)
The module outputs standard NMEA strings via the UART interface. A typical data packet looks like this:
```text
$GPRMC,123519,A,4807.038,N,01131.000,E,022.4,084.4,230394,003.1,W*6A
```
- ⤷
What is the maximum update rate supported by the LRG-R5465?
- ⤷ How does the SAW filter improve performance in urban environments?
- ⤷ What are the power-saving modes available for this specific module?