Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • LFP300F-24-RTY

  • AI
    The **COSEL LFP300F-24-RTY** is a high-reliability, AC-DC open-frame switching power supply designed for industrial applications. It belongs to the LFP series, known for its compact size, high efficiency, and high peak power capabilities. --- ## 1. Technical Specifications Overview The "24" in the model name indicates a **24V DC output**, while the suffixes (-RTY) indicate specific hardware options. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | AC 85 - 264V (Universal) | | **Output Voltage** | 24V DC | | **Rated Current** | 12.5A (Convection) / 16.5A (Forced Air) | | **Rated Power** | 300W (Up to 396W with forced air) | | **Peak Power** | 600W (Max 10 seconds) | | **Efficiency** | 88% - 90% (Typical) | | **Form Factor** | Open Frame | --- ## 2. Breakdown of the "RTY" Suffix In Cosel’s nomenclature, suffixes represent factory-installed options: * **-R**: **Remote ON/OFF.** Includes a dedicated connector to toggle the output electronically without cutting the AC mains. * **-T**: **Terminal Block.** Replaces standard crimp connectors with a screw terminal block for easier wiring. * **-Y**: **Output Voltage Potentiometer.** Allows the user to fine-tune the output voltage (typically ±10%). --- ## 3. Key Electronic Features ### A. High Peak Power Capability One of the most significant electronic features of the LFP300F is its ability to handle **200% peak current**. This is critical for driving motors, solenoids, or actuators that require a high inrush current upon startup but draw significantly less during steady-state operation. ### B. Protection Circuitry * **Overcurrent Protection (OCP):** Automatically recovers when the fault condition is removed. * **Overvoltage Protection (OVP):** Shuts down the output if the voltage exceeds the safe threshold (requires AC recycle to reset). * **Thermal Protection:** Shuts down if the internal components exceed safe operating temperatures. ### C. EMI/EMC Performance The unit features built-in active **Power Factor Correction (PFC)** to reduce harmonic distortion and comply with IEC61000-3-2 standards. It also includes an EMI filter to meet FCC and VCCI Class B conducted noise standards. ### D. Isolation The device provides high-level galvanic isolation between the input and output (typically 3,000VAC for 1 minute), ensuring safety in industrial environments. --- ## 4. Connectivity & Interface For the **LFP300F-24-RTY**, the wiring interface is structured as follows: ```text Input (AC): L, N, Ground (Screw Terminals) Output (DC): +V, -V (Screw Terminals) Remote Interface: Small 2-pin header (for -R option) Adjustment: V.ADJ Potentiometer (for -Y option) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum duration for the 600W peak power output?
    • ⤷ How does the 'Remote ON/OFF' function be wired electrically?
    • ⤷ What are the mounting orientation requirements for optimal cooling?