KWN-R-1
AI

The **KWN-R-1** is a specific model of a **Class R Time-Delay Fuse**, typically manufactured by brands like Eaton (Bussmann) or Littelfuse. It is designed for low-voltage electrical protection.
### 1. Key Technical Specifications
The "1" in the part number indicates the current rating. Below are the primary technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Fuse Type** | Class RK1 (Current Limiting) |
| **Current Rating** | 1 Ampere |
| **Voltage Rating** | 250V AC (Standard) |
| **Interrupting Rating** | 200,000A RMS Symmetrical |
| **Time Response** | Time-Delay (Dual-Element) |
| **Physical Size** | 9/16" x 2" (Standard Ferrule) |
---
### 2. Internal Electronic Components & Design
While a fuse is technically a passive component, the "Time-Delay" (Dual-Element) nature of the KWN-R-1 involves a sophisticated internal construction:
1. **Thermal Element (Solder Joint):** This part handles overloads. It consists of a spring-loaded trigger mechanism held by a specific solder alloy. If a sustained current slightly above 1A occurs, the heat melts the solder, and the spring pulls the circuit open.
2. **Short-Circuit Element (Notched Ribbon):** This is typically made of high-conductivity copper or silver. In the event of a massive surge (short circuit), these notches vaporize instantly to clear the fault.
3. **Arc Quenching Material:** The body is filled with high-purity silica sand. When the fuse blows, the sand turns into glass (fulgurite), which absorbs the energy and extinguishes the electrical arc.
---
### 3. Functional Features
* **Current Limiting:** The "RK1" designation means it is highly current-limiting. It reacts so fast during a short circuit that it stops the current before it reaches its full destructive peak.
* **Rejection Feature:** The "R" in the name indicates it has a specific physical notch in the end cap. This prevents someone from accidentally replacing it with a lower-rated, non-current-limiting fuse (like a Class H fuse).
* **Time-Delay:** It allows for temporary "inrush" currents (like a motor starting up) without blowing, provided the surge is brief.
### 4. Typical Applications
* **Motor Branch Circuits:** Protecting small motors where startup current exceeds 1A.
* **Control Transformers:** Protecting the primary or secondary side of small power transformers.
* **Panelboards:** Used in safety switches and fused disconnects for industrial machinery.
---
- ⤷
What is the difference between KWN-R (250V) and KWS-R (600V) fuses?
- ⤷ Can a Class RK5 fuse be used as a substitute for a KWN-R-1 (RK1)?
- ⤷ How do I test if a KWN-R-1 fuse is blown using a multimeter?