Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • JS30-R

  • AI
    The **JS30-R** typically refers to a high-performance **Micro Digital Servo** or a specific **DC Gear Motor** variant used in robotics and RC (Radio Control) applications. Below is an explanation of its core electronic components and functional architecture. --- ## 1. Core Electronic Components The JS30-R operates as a closed-loop system (if it is the servo variant) or a regulated DC system. Here are the primary parts: | Component | Function | Description | | :--- | :--- | :--- | | **DC Motor** | Prime Mover | Converts electrical energy into mechanical rotation. Usually a brushed coreless motor for high response. | | **Control IC** | Brain | A specialized integrated circuit that processes incoming PWM (Pulse Width Modulation) signals. | | **Potentiometer** | Feedback | A variable resistor linked to the output shaft to communicate the current position back to the IC. | | **H-Bridge** | Power Driver | A set of MOSFETs that controls the direction and speed of the motor by reversing polarity. | | **Lead Wires** | Interface | Typically a 3-pin connector (Signal, VCC, Ground). | --- ## 2. Technical Specifications (Typical) While specific brands may vary slightly, these are the standard electronic ratings for the JS30-R series: * **Operating Voltage:** 4.8V to 6.0V DC. * **Signal Type:** Digital PWM (Pulse Width Modulation). * **Pulse Width:** 500µs to 2500µs for 180° travel. * **Dead Band:** 2µs - 5µs (The range of signal change required to move the motor). --- ## 3. Wiring Configuration The electronic interface follows a standard color-coded scheme common in hobby electronics: ```yaml Red: Positive (+) - Usually 4.8V to 6.0V Black: Negative (-) - Ground / Common White: Signal (S) - PWM Input from Microcontroller ``` --- ## 4. Operational Logic 1. **Signal Input:** The Control IC receives a PWM signal from a source (like an Arduino or RC Receiver). 2. **Comparison:** The IC reads the current position from the **Potentiometer**. 3. **Error Correction:** If the signal position and actual position differ, the IC triggers the **H-Bridge** to spin the motor. 4. **Stopping:** Once the Potentiometer value matches the input signal value, the motor stops, holding its position. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque rating for the JS30-R servo?
    • ⤷ How do I interface the JS30-R with an Arduino microcontroller?
    • ⤷ Is the JS30-R compatible with 7.4V LiPo batteries?