Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • ISL85415DEMO2Z

  • AI
    The **ISL85415DEMO2Z** is a demonstration board designed to evaluate the performance of the **ISL85415**, which is a highly integrated synchronous buck switching regulator. This board is specifically configured to provide a regulated output from a wide input voltage range. --- ### ## Core Component: The ISL85415 IC The heart of the board is the ISL85415 chip. Its primary electronic characteristics include: * **Input Voltage Range:** 3V to 36V. * **Output Current:** Up to 500mA. * **Integrated MOSFETs:** Both high-side and low-side FETs are integrated to reduce external component count. * **Switching Frequency:** Fixed at 500kHz (but adjustable via external resistor). --- ### ## Key Electronic Parts on the Demo Board The board contains several passive and active components necessary to create a functional DC/DC converter: | Component Category | Function | Typical Value/Part on Board | | :--- | :--- | :--- | | **Inductor (L1)** | Stores energy during the switching cycle to provide smooth current to the load. | 22µH - 33µH (Typical) | | **Input Capacitors (C1, C2)** | Filters input noise and provides local energy storage for high-frequency switching. | Ceramic (e.g., 10µF, 50V) | | **Output Capacitors (C5, C6)** | Smoothes the output voltage ripple and handles load transients. | Low ESR Ceramic (e.g., 22µF) | | **Feedback Resistors (R1, R2)** | Creates a voltage divider to set the specific output voltage (e.g., 3.3V or 5V). | Precision resistors (1% tolerance) | | **BOOT Capacitor** | Provides the gate drive voltage for the internal high-side N-Channel MOSFET. | 0.1µF Ceramic | | **Compensation Network** | Resistors and capacitors connected to the COMP pin to ensure loop stability. | RC Network | --- ### ## Circuit Operating Modes The ISL85415DEMO2Z is designed to showcase two specific power-saving modes: 1. **PWM Mode (Pulse Width Modulation):** Used during heavy loads for constant frequency and low noise. 2. **PFM Mode (Pulse Frequency Modulation):** Automatically shifts to this mode during light loads to maintain high efficiency by reducing switching losses. ### ## Protection Features Integrated The electronic design of the board utilizes the IC's internal safety mechanisms: * **Overcurrent Protection (OCP):** Monitors the current through the MOSFETs. * **Thermal Shutdown:** Shuts down the device if the internal temperature exceeds ~150°C. * **Undervoltage Lockout (UVLO):** Ensures the device only operates when the input voltage is high enough for stable performance. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output voltage supported by the ISL85415 IC?
    • ⤷ How do I calculate the feedback resistor values for a custom output voltage?
    • ⤷ What are the advantages of using a synchronous buck regulator over a non-synchronous one?