Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • ISL8024DEMO2Z

  • AI
    The **ISL8024DEMO2Z** is a demonstration board designed to showcase the performance of the **ISL8024**, which is a high-efficiency, monolithic, synchronous step-down (buck) DC/DC converter. Below is a breakdown of the key electronic components and technical specifications associated with this demonstration board. --- ### 1. Core Integrated Circuit (IC) The heart of the board is the **ISL8024**. This IC is a synchronous buck regulator capable of delivering high current with minimal external components. | Feature | Specification | | :--- | :--- | | **Output Current** | Up to 4A continuous | | **Input Voltage Range** | 2.7V to 5.5V | | **Switching Frequency** | 1MHz (Default) | | **Efficiency** | Up to 95% | | **Package** | 16 Ld 3x3 QFN | ### 2. Major Peripheral Components To function as a complete power supply, the ISL8024 requires several passive electronic parts. #### A. Power Inductor The board features a high-current power inductor. It stores energy during the "ON" cycle and releases it during the "OFF" cycle. * **Role:** Smooths the switching current to provide a steady DC output. * **Typical Value:** 1.0µH to 1.5µH (depending on specific configuration). #### B. Input/Output Capacitors * **Input Capacitors ($C_{IN}$):** Usually multilayer ceramic capacitors (MLCC). They filter the pulse current from the input supply to prevent noise. * **Output Capacitors ($C_{OUT}$):** These reduce output voltage ripple and ensure stability during load transients. #### C. Feedback Network (Resistor Divider) Two precision resistors ($R_1$ and $R_2$) are used to set the output voltage ($V_{OUT}$). * **Formula:** $V_{OUT} = V_{FB} \cdot (1 + \frac{R_1}{R_2})$, where $V_{FB}$ is typically 0.6V. --- ### 3. Key Functional Features The board is designed to demonstrate the following electronic behaviors: * **Internal Compensation:** The ISL8024 uses peak current mode control with internal compensation, reducing the need for an external RC network. * **Soft-Start:** Features an internal 1ms soft-start to prevent current inrush during power-up. * **Selectable PWM/PFM:** * **PWM Mode:** Constant frequency for low noise. * **PFM Mode:** Skips pulses at light loads to maintain high efficiency. * **Protection Circuitry:** Includes Over-Current Protection (OCP), Over-Temperature Protection (OTP), and Under-Voltage Lockout (UVLO). ### 4. Hardware Interface | Part Type | Description | | :--- | :--- | | **Connectors** | Standard banana jacks or screw terminals for VIN, VOUT, and GND. | | **Jumpers** | Used to enable/disable the device (EN pin) or switch between PFM/PWM modes. | | **Test Points** | Dedicated pins to measure switching nodes (PHASE) and feedback loops with an oscilloscope. | ---
    ✨ Follow-up Questions
    • How do I calculate the specific resistor values for a 1.8V output on this board?
    • What is the maximum thermal limit for the ISL8024 IC during operation?
    • Can this board be modified to support an input voltage higher than 5.5V?