Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • IP5312

  • AI
    ## IP5312: High-Performance Power Bank SoC The **IP5312** is a highly integrated, multi-functional power management SoC (System on Chip) designed specifically for fast-charging power banks. It integrates a synchronous switch buck-boost converter, a battery charge management system, and a battery level indicator. --- ### 1. Key Technical Specifications The IP5312 is known for its efficiency and support for multiple fast-charging protocols. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 4.5V to 13.5V | | **Output Power** | Up to 18W (QC3.0 / PD / FCP / AFC) | | **Switching Frequency** | 500kHz | | **Efficiency** | Up to 97% (at 5V/2A) | | **Package** | QFN32 (4mm x 4mm) | | **Battery Type** | Lithium-ion / Lithium-polymer (Adjustable voltage) | --- ### 2. Core Functional Blocks The chip manages the entire lifecycle of energy transfer within a power bank: * **Synchronous Buck-Boost Converter:** * Acts as a **charger** when an external power source is connected. * Acts as a **boost converter** to output 5V/9V/12V when charging a mobile device. * **Fast Charge Controller:** * Automatically detects the protocol of the connected device. * Supports **QC3.0/QC2.0**, **FCP** (Huawei), **AFC** (Samsung), and **SFCP** (Spreadtrum). * **Battery Management System (BMS):** * Includes overcharge, over-discharge, and short-circuit protection. * Features built-in temperature sensing (NTC) to stop charging if the battery overheats. * **Fuel Gauge:** * Supports 4-LED or 5-LED display for capacity indication. * Can also drive a 188 digital tube display (LED screen). --- ### 3. Application Circuit Components To build a functional circuit using the IP5312, the following external components are essential: ```markdown - **Inductor (L):** Usually 2.2µH to 4.7µH (rated for high saturation current). - **Capacitors (C):** Low-ESR ceramic capacitors for VIN, VOUT, and BAT terminals. - **Resistors:** Used for setting battery voltage (4.2V, 4.3V, 4.35V, or 4.4V) and current limits. - **NTC Thermistor:** 10kΩ resistor to monitor battery temperature. - **MOSFETs:** While the main switches are integrated, external MOSFETs are often used for path management (Type-C/Micro-B switching). ``` --- ### 4. Advantages of IP5312 1. **High Integration:** Reduces the Bill of Materials (BOM) cost by eliminating the need for separate charging and boosting ICs. 2. **Low Standby Current:** Consumes less than 100µA in standby mode, extending the shelf life of the power bank. 3. **Flexible I/O:** Supports USB-A (Output), USB-B (Input), and USB-C (Bi-directional). ---
    ✨ Follow-up Questions
    • ⤷What are the specific pin configurations for the QFN32 package of IP5312?
    • ⤷ How does IP5312 compare to the IP5328P in terms of PD support?
    • ⤷ What is the recommended layout strategy for the power inductor to minimize EMI?