AI

The **IP1001-DS-R04** is a high-performance, single-chip **Gigabit Ethernet Transceiver (PHY)** manufactured by IC Plus Corp. It is designed to interface between the Media Access Control (MAC) layer and the physical medium (copper wiring).
---
### 1. Technical Specifications
The device is optimized for low power consumption and high integration. Below are the primary technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Standard Compliance** | IEEE 802.3, 802.3u, 802.3ab |
| **Data Rates** | 10/100/1000 Mbps (Triple Speed) |
| **Interface Support** | RGMII (Reduced Gigabit Media Independent Interface) |
| **Supply Voltage** | 3.3V / 1.1V (Core) |
| **Package Type** | 48-pin QFN (Quad Flat No-lead) |
| **Operating Temp** | 0°C to +70°C (Commercial Grade) |
---
### 2. Key Electronic Features
The IP1001-DS-R04 incorporates several advanced electronic subsystems to ensure signal integrity and efficiency:
#### A. DSP Architecture
It utilizes Digital Signal Processing (DSP) technology to handle Adaptive Equalization, Echo Cancellation, and Crosstalk (NEXT) cancellation. This is critical for maintaining a stable 1000Base-T connection over standard Cat5e cables.
#### B. Power Management
* **APS (Auto Power Saving):** Automatically reduces power consumption when the network cable is unplugged.
* **802.3az Support:** Implements Energy Efficient Ethernet (EEE) to lower power during periods of low data activity.
#### C. Built-in Regulators
The chip often includes internal switching or linear regulators to derive the necessary 1.1V core voltage from a 3.3V source, reducing the external Bill of Materials (BOM).
#### D. Smart Cable Analysis
Includes built-in TDR (Time Domain Reflectometry) capabilities to detect cable faults such as shorts, opens, or impedance mismatches.
---
### 3. Pinout and Connectivity Overview
In a typical circuit design, the IP1001-DS-R04 acts as the bridge:
1. **MAC Side:** Connects to an FPGA, CPU, or Switch SoC via the **RGMII** interface.
2. **Line Side:** Connects to an RJ45 connector via a **Magnetic Transformer** (1:1 ratio).
3. **Management:** Controlled via the **MDIO/MDC** (Management Data Input/Output) serial bus to configure internal registers.
---
### 4. Typical Applications
* Network Interface Cards (NICs)
* Broadband Gateways and Routers
* Industrial Ethernet Switches
* Digital Televisions and Set-Top Boxes
- ⤷
What are the specific pin differences between the IP1001-DS and IP1001C?
- ⤷ Can you provide a reference schematic for the RGMII interface of the IP1001?
- ⤷ How does the power consumption of this chip compare to the RTL8211 series?