Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • HCTS393DMSR

  • AI
    The **HCTS393DMSR** is a high-performance, radiation-hardened (Rad-Hard) electronic component specifically designed for aerospace, satellite, and military applications. It belongs to the **High-Speed CMOS (HCTS)** logic family. --- ## 1. Device Overview The HCTS393DMSR is a **Dual 4-Bit Binary Ripple Counter**. It consists of two independent 4-bit counters in a single package. Because it is a "ripple" counter, the flip-flops are connected in a chain where the output of one serves as the clock for the next. ### Key Functional Blocks | Component | Description | | :--- | :--- | | **Two 4-Bit Counters** | Can be used independently or cascaded to form an 8-bit counter. | | **Clock Inputs ($\overline{CP}$)** | Triggered on the High-to-Low transition (falling edge). | | **Master Reset (MR)** | An active-high signal that clears all flip-flops to zero. | | **Outputs ($Q_0 - Q_3$)** | Buffered outputs representing the binary count. | --- ## 2. Technical Specifications The "DMSR" suffix indicates a specific package type and screening level (often a Sidebraze Dual-In-Line Package with high reliability). | Parameter | Typical Value / Range | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V | | **Logic Family** | HCTS (High-Speed CMOS, TTL Compatible) | | **Radiation Tolerance (TID)** | Typically up to 300 krad(Si) | | **SEL Immunity** | Immune to Single Event Latch-up (> 80 $MeV/mg/cm^2$) | | **Operating Temperature** | -55°C to +125°C | | **Propagation Delay** | ~20ns to 40ns (depending on load/voltage) | --- ## 3. Radiation Hardening Features The HCTS393DMSR is not a standard consumer chip. It is engineered to survive the harsh environment of outer space: 1. **Total Ionizing Dose (TID):** The silicon is processed to prevent threshold voltage shifts caused by long-term exposure to gamma rays. 2. **Single Event Effects (SEE):** The design includes physical layout techniques (like guard rings) to prevent Latch-up (SEL), which is a permanent short-circuit caused by heavy ions. 3. **Burn-in Testing:** These parts undergo rigorous 100% screening to ensure zero infant mortality in critical flight systems. --- ## 4. Common Applications * **Frequency Division:** Dividing a high-frequency clock down to lower frequencies for system synchronization. * **Timekeeping:** Serving as a base for digital clocks or mission elapsed timers in satellites. * **Address Generation:** Incrementing memory addresses in rad-hard embedded systems. * **Event Counting:** Tracking pulses from sensors or telemetry data. --- ## 5. Logic Diagram Example While the internal circuitry is complex, the logical flow for one of the two counters can be represented as follows: ```text Clock In (Falling Edge) ---> [FF 0] ---> [FF 1] ---> [FF 2] ---> [FF 3] | | | | Out Q0 Out Q1 Out Q2 Out Q3 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ripple counter like the HCTS393 and a synchronous counter?
    • ⤷ How does 'TTL Compatibility' affect the interfacing of this chip with other logic families?
    • ⤷ What are the specific pin configurations for the HCTS393DMSR package?