HCPT1309-R47-R
AI

## HCPT1309-R47-R Electronic Component Overview
The **HCPT1309-R47-R** is a high-current, high-frequency power inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the HCPT series, which utilizes a specialized pressed powder iron core technology designed for high-density power conversion applications.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 38 Amperes (Typical) |
| **Saturation Current (Isat)** | 71 Amperes (Typical) |
| **DC Resistance (DCR)** | 0.95 mΩ (Nominal) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | SMD (Surface Mount Device) |
| **Dimensions** | ~13.0mm x 13.0mm x 9.0mm |
---
### 2. Key Features
* **High Current Capability:** Due to its low DCR (Direct Current Resistance), the device can handle very high currents without significant power loss or heat generation.
* **Pressed Powder Core:** The iron powder core construction provides a "soft saturation" characteristic. Unlike ferrite cores that drop inductance sharply when saturated, this part loses inductance gradually as current increases.
* **Low EMI:** The shielded construction helps contain magnetic flux, reducing Electromagnetic Interference in sensitive circuits.
* **High Frequency:** Optimized for switching frequencies ranging from 100 kHz up to 2 MHz.
---
### 3. Application Areas
This inductor is typically found in power management stages where high efficiency and small footprint are required:
1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery on motherboards.
2. **DC-DC Converters:** Point-of-Load (POL) converters for telecommunications and industrial equipment.
3. **Battery Powered Systems:** Where low DCR is critical to extending battery life.
4. **Distributed Power Systems:** High-current buck, boost, or buck-boost topologies.
---
### 4. Part Number Breakdown
* **HCPT:** Series Name (High Current Powder Technology).
* **1309:** Dimensions (approx. 13mm footprint, 9mm height).
* **R47:** Inductance Value (R47 = 0.47 µH).
* **R:** RoHS Compliant / Revision indicator.
- ⤷
What are the thermal management requirements for this inductor at peak current?
- ⤷ How does the 'soft saturation' of this powder core compare to traditional ferrite cores?
- ⤷ What are the recommended PCB land patterns for the HCPT1309 series?