HCPT1309-R20-R
AI

## Technical Analysis: HCPT1309-R20-R Inductor
The **HCPT1309-R20-R** is a high-current, automotive-grade power inductor manufactured by **Eaton (formerly Coiltronics/Bussmann)**. It belongs to the HCP series, specifically designed for high-frequency power conversion and harsh environments.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.20 µH (Microhenries) |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | Approximately 50A - 60A |
| **Saturation Current (Isat)** | Very High (typically > 80A) |
| **DC Resistance (DCR)** | Extremely Low (approx. 0.35 mΩ to 0.50 mΩ) |
| **Operating Temperature** | -40°C to +125°C |
| **Size / Dimension** | 13mm x 13mm (Footprint), 9mm Height |
---
### 2. Component Composition & Design
The HCPT series is known for its **Pressed Iron Powder** core technology.
* **Core Material:** The "Iron Powder" core offers a "soft saturation" characteristic. Unlike ferrite cores that lose inductance sharply when current limits are reached, this material loses inductance gradually, providing better safety margins in power circuits.
* **Construction:** It features a "Through-hole" or "Surface Mount" hybrid-style robust construction (though HCP is primarily SMD) with a flat-wire winding to minimize skin effect and reduce DCR.
* **Magnetically Shielded:** The molded construction provides integral shielding, which reduces Electromagnetic Interference (EMI).
---
### 3. Applications
Due to its high current handling and low profile, the HCPT1309-R20-R is commonly found in:
1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery for servers and workstations.
2. **DC-DC Converters:** Point-of-load (POL) converters where high efficiency is required.
3. **Automotive Systems:** Electronic Control Units (ECUs), infotainment, and advanced driver-assistance systems (ADAS).
4. **High-Current Power Supplies:** Industrial power modules requiring high density.
---
### 4. Part Number Breakdown
The nomenclature `HCPT1309-R20-R` is decoded as follows:
* **HCPT:** High Current Power (T likely refers to a specific series variant or thermal enhancement).
* **1309:** Dimensions (approx. 13.0mm length/width and 9.0mm height).
* **R20:** Inductance value (R represents the decimal point, so 0.20 µH).
* **-R:** RoHS compliant.
---
- ⤷
What are the differences between the HCP and HCM series inductors?
- ⤷ How does the 'soft saturation' of this inductor benefit a DC-DC converter circuit?
- ⤷ Are there recommended PCB layout footprints for the HCPT1309 series?