Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • HA30E-R

  • AI
    The **HA30E-R** is a specific model of an **Electronic Horn / Siren** (often part of a PA system or alarm unit) commonly manufactured by companies like **Patlite** or specialized industrial signal equipment providers. Below is an explanation of its electronic components and technical specifications. --- ### 1. General Overview The HA30E-R is a high-decibel electronic audible alarm designed for industrial environments. The "R" typically signifies the color (Red) or a specific mounting Revision. ### 2. Electronic Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage** | Typically 100V - 240V AC (Wide Range) | | **Sound Pressure Level** | Up to 110dB at 1 meter | | **Power Consumption** | Approx. 12W - 20W (depending on load) | | **Channels** | Multi-channel (usually 8 to 32 selectable sounds) | | **Ingress Protection** | IP65 (Dust-tight and water-resistant) | | **Sound Patterns** | Beeps, Sirens, Melodies, and Chimes | --- ### 3. Key Internal Electronic Components The device functions through several integrated circuit (IC) layers: * **Switching Power Supply:** Converts the incoming AC high voltage to a regulated DC voltage (usually 12V or 24V) to power the internal logic. * **Microcontroller / Tone Generator:** A chip pre-programmed with digital audio files. When a specific trigger wire is grounded, the MCU fetches the corresponding sound data. * **Class D Amplifier:** To achieve 110dB efficiency without overheating, it uses a high-efficiency switching amplifier to drive the voice coil. * **DIP Switches:** Located on the back or inside the housing, these allow the user to select the specific sound pattern or volume level manually. * **Piezoelectric or Voice Coil Driver:** The physical component that converts electrical signals into sound waves. --- ### 4. Wiring Diagram Concept The unit typically features a terminal block or a multi-core cable for control. ```yaml Terminal/Wire Color | Function -------------------|----------------------- Brown | Power Supply (L/+) Blue | Power Supply (N/-) Green/Yellow | Ground Various (Red/Org) | Signal Inputs (Channels) ``` ### 5. Application Features * **External Volume Control:** Many HA30E models feature a potentiometer to adjust the decibel level. * **NPN/PNP Compatibility:** The input logic is often "Open Collector" compatible, meaning it can be triggered directly by a PLC (Programmable Logic Controller). ---
    ✨ Follow-up Questions
    • ⤷ How do you change the sound patterns on the HA30E-R?
    • ⤷ What is the maximum current draw for this device during peak operation?
    • ⤷ Can the HA30E-R be triggered by a 24V DC PLC signal?