FST3050
AI

The **FST3050** is a specific type of power semiconductor component, typically a **Schottky Barrier Rectifier**. It is widely used in power management applications for its high efficiency and fast switching capabilities.
---
### 1. Key Technical Specifications
The part number "3050" usually indicates the primary ratings: 30 Amps and 50 Volts.
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Forward Current ($I_F$)** | 30 Amps | Maximum continuous current it can handle. |
| **Reverse Voltage ($V_R$)** | 50 Volts | Maximum blocking voltage in reverse bias. |
| **Forward Voltage Drop ($V_F$)** | ~0.55V to 0.70V | Low voltage loss during conduction. |
| **Configuration** | Dual / Common Cathode | Usually contains two diodes in one package. |
| **Package Type** | TO-220 or TO-247 | Standard power transistor-style housing. |
---
### 2. Physical Structure and Pinout
The FST3050 is often found in a **Common Cathode** configuration. This means there are two diodes inside a single three-pin package.
1. **Pin 1 (Anode 1):** Input for the first diode.
2. **Pin 2 (Cathode):** Shared output (connected to the metal tab for heat dissipation).
3. **Pin 3 (Anode 2):** Input for the second diode.
### 3. Core Features
* **Schottky Technology:** Unlike standard silicon diodes, it uses a metal-semiconductor junction, resulting in a much lower forward voltage drop and virtually no reverse recovery time.
* **High Efficiency:** Lower heat generation due to reduced power loss ($P = V_F \times I$).
* **High Guarding:** Often includes a "guard ring" for stress protection and long-term reliability against high voltages.
* **Low Inductance:** Designed for high-frequency switching environments.
---
### 4. Common Applications
Due to its high current capacity and fast response, the FST3050 is ideal for:
* **Switching Power Supplies (SMPS):** Used on the secondary side of transformers for rectification.
* **DC-DC Converters:** Helping to step down or step up voltages with minimal loss.
* **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor controllers.
* **Solar Panels:** Used as "bypass diodes" to prevent reverse current flow.
### 5. Usage Example (Circuit Logic)
```cpp
// Schematic representation of FST3050 in a Full Wave Rectifier
// [Transformer Out 1] ---> [Anode 1 (FST3050)] ---|
// |---> [Common Cathode] ---> [Load (+)]
// [Transformer Out 2] ---> [Anode 2 (FST3050)] ---|
```
---
- ⤷
What is the difference between FST3050 and a standard PN junction diode?
- ⤷ How should I select a heatsink for an FST3050 operating at 20 Amps?
- ⤷ Are there surface-mount (SMD) equivalents for the FST3050?