FST3045
AI

The **FST3045** is a common power electronic component, specifically a **Schottky Barrier Rectifier**. It is widely used in power supplies for high-efficiency rectification.
---
## 1. Core Technical Specifications
The part number "3045" usually indicates the two most critical parameters: the average forward current and the maximum repetitive peak reverse voltage.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Average Rectified Forward Current ($I_{F(AV)}$)** | 30 Amps | Total current capacity (often 15A per leg). |
| **Maximum Peak Reverse Voltage ($V_{RRM}$)** | 45 Volts | Maximum voltage it can block in reverse. |
| **Forward Voltage Drop ($V_F$)** | ~0.55V - 0.65V | Voltage lost across the diode when conducting. |
| **Operating Temperature Range** | -55°C to +150°C | Thermal limits for safe operation. |
---
## 2. Key Features and Internal Structure
The FST3045 is typically found in a **TO-220** or **TO-247** package and often features a **Common Cathode** configuration.
### Internal Configuration
Most FST3045 units are "Dual Diodes." This means there are two Schottky diodes inside a single package:
* **Pin 1:** Anode 1
* **Pin 2:** Cathode (Common, usually connected to the mounting tab)
* **Pin 3:** Anode 2
### Why Schottky?
Unlike standard silicon diodes, Schottky diodes use a metal-to-semiconductor junction. This results in:
1. **Lower Forward Voltage ($V_F$):** Reduces power loss and heat generation.
2. **Fast Switching:** No "reverse recovery time" ($t_{rr}$), making them ideal for high-frequency circuits.
---
## 3. Common Applications
The FST3045 is designed for low-voltage, high-frequency switching environments:
* **Switch Mode Power Supplies (SMPS):** Used in the output rectification stage.
* **DC-DC Converters:** Helping step down voltages efficiently.
* **Solar Panels:** Often used as "blocking diodes" or "bypass diodes" to prevent reverse current flow.
* **Battery Chargers:** Efficiently converting AC/DC with minimal heat.
---
## 4. Implementation Example
If you were using this in a simple circuit, here is how the connection logic would look:
```text
Input (AC/Pulse) -> [Anode 1] --\
|-- [Common Cathode] -> DC Output (+)
Input (AC/Pulse) -> [Anode 2] --/
```
---
- ⤷What is the difference between FST3045 and a standard 1N4007 diode?
- ⤷ How do I calculate the heat sink requirements for an FST3045?
- ⤷ Can the FST3045 be used in a bridge rectifier circuit?