Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • FS3JB

  • AI
    The **FS3JB** is a Surface Mount (SMD) Fast Recovery Rectifier Diode. It is widely used in power management circuits for rectifying alternating current (AC) into direct current (DC) where high efficiency and fast switching speeds are required. --- ### 1. Key Technical Specifications The part number usually follows industry standards (F = Fast, S = Surface Mount, 3 = 3 Amperes, J = 600V). | Parameter | Specification | | :--- | :--- | | **Component Type** | Fast Recovery Rectifier | | **Package Type** | SMB (DO-214AA) | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 3.0 Amperes | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 600 Volts | | **Maximum Forward Voltage Drop ($V_F$)** | Approx. 1.3V @ 3.0A | | **Maximum Reverse Recovery Time ($t_{rr}$)** | 150 ns | | **Operating Junction Temperature** | -55°C to +150°C | --- ### 2. Physical and Material Features * **Package (SMB):** A low-profile, plastic surface-mount package designed for automated assembly. * **Polarity:** Indicated by a cathode band on the body of the diode. * **Glass Passivated Chip Junction:** The internal silicon wafer is protected by a glass layer to ensure high reliability and stability against moisture and contaminants. --- ### 3. Functional Purpose The FS3JB serves three primary roles in electronic circuits: 1. **Rectification:** It allows current to flow in only one direction, converting AC to DC. 2. **Fast Recovery:** Unlike standard diodes (like the 1N4007), the FS3JB can switch from a conducting state to a blocking state very quickly (150ns). This prevents energy loss and heat buildup in high-frequency circuits. 3. **Protection:** It can be used as a "freewheeling diode" to protect sensitive components from inductive voltage spikes (Back EMF) in motors or relay circuits. --- ### 4. Common Applications * **Switching Power Supplies (SMPS):** Used in the output rectification stage. * **Inverters:** For DC-to-AC conversion processes. * **DC-DC Converters:** Managing power flow between different voltage levels. * **Consumer Electronics:** Power adapters for laptops, monitors, and chargers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FS3JB and the FS3MB (800V) version?
    • ⤷ In what scenarios would I choose a Super Fast Recovery diode over this Fast Recovery diode?
    • ⤷ How does the 150ns recovery time impact high-frequency circuit efficiency?