FP1108L1-R270-R
AI

The **FP1108L1-R270-R** is a high-current, shielded drum core power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the FP1108 series, which is specifically designed for high-frequency voltage regulator modules (VRMs) and multi-phase applications.
### 1. Technical Specifications
The alphanumeric code provides specific details regarding the component's performance characteristics.
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.270 µH (270 nH) |
| **Tolerance** | ±10% |
| **Full Part Number** | FP1108L1-R270-R |
| **DCR (Direct Current Resistance)** | ~0.31 mΩ (typical) |
| **Saturation Current ($I_{sat}$)** | ~64 Amperes |
| **RMS Current ($I_{rms}$)** | ~55 Amperes |
| **Dimensions** | 11.0mm x 8.0mm x 7.5mm |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Key Features
* **High Current Handling:** Designed to manage high peak currents (up to 64A) without saturating, making it ideal for modern CPU and GPU power stages.
* **Low DCR:** The exceptionally low DC resistance (measured in milliohms) minimizes power loss and heat generation, increasing overall energy efficiency.
* **Ferrite Core Material:** Utilizes a ferrite core which provides low core losses at high switching frequencies (up to 2 MHz).
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and compliant with RoHS standards.
---
### 3. Application Use Cases
This specific inductor is primarily found in high-performance computing environments:
1. **Multi-phase Buck Converters:** Used in parallel to provide high current at low voltages to processors.
2. **Voltage Regulator Modules (VRM):** Essential for motherboards and server cards.
3. **Point-of-Load (POL) Converters:** Used in telecommunications and data center equipment.
4. **Graphics Cards:** Powering high-end GPUs that require stable, high-amperage current.
---
### 4. Part Number Breakdown
```text
FP 1108 L1 - R270 - R
| | | | |
| | | | └── RoHS Compliant
| | | └─────── Inductance Value (R270 = 0.270µH)
| | └───────────── Version/Internal Code
| └────────────────── Size Dimensions (11mm x 8mm)
└────────────────────── Family Series (Flat-Pac Inductor)
```
- ⤷What are the equivalent alternatives to the FP1108L1-R270-R from other manufacturers?
- ⤷ How does the saturation current affect its performance in a high-load VRM?
- ⤷ What is the recommended PCB footprint for this specific inductor size?