FP1108L1-R120-R
AI

The **FP1108L1-R120-R** is a high-current, low-profile power inductor typically used in voltage regulator modules (VRMs) and DC-DC converters. It belongs to the **FP1108 Series** manufactured by Eaton (formerly Cooper Bussmann).
---
### 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of this component:
| Parameter | Value |
| :--- | :--- |
| **Inductance (L)** | 120 nH (0.12 µH) |
| **Tolerance** | ±10% |
| **Saturation Current ($I_{sat}$)** | ~85 A to 100 A (typical) |
| **RMS Current ($I_{rms}$)** | ~64 A |
| **DC Resistance (DCR)** | 0.29 mΩ (0.00029 Ohms) |
| **Package/Footprint** | 11.0mm x 8.0mm x 8.0mm |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Material Core** | Ferrite |
---
### 2. Key Features
* **High Current Density:** Designed to handle extremely high peak currents (up to 100A) without saturating quickly.
* **Low DCR:** The ultra-low direct current resistance minimizes power loss and heat generation, which is critical for high-efficiency power supplies.
* **Flat-Wire Construction:** Uses a flat copper wire design which reduces "skin effect" losses and allows for a more compact physical size.
* **Ferrite Core:** Provides stable performance over a wide range of temperatures and frequencies.
---
### 3. Application Use Cases
This specific inductor is found in high-performance computing environments where high amperage and low voltage are required.
1. **Server CPU Power:** Multi-phase VRMs for Intel and AMD processors.
2. **Graphics Cards (GPUs):** High-end power delivery for gaming and AI accelerators.
3. **Data Centers:** High-current DC-DC converters and Point-of-Load (PoL) modules.
4. **Networking:** High-speed routers and switches.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **FP1108:** The series designation (refers to the 11mm x 8mm footprint).
* **L1:** Designates the specific internal construction/winding style.
* **R120:** Represents the inductance value (R = decimal point; 120 = 0.120 µH).
* **-R:** Indicates RoHS compliance.
- ⤷
What are the thermal management requirements for this inductor at 60A?
- ⤷ Can this inductor be used in high-frequency switching above 2MHz?
- ⤷ What are the common alternatives for the FP1108 series?